データシートサーチシステム |
|
SD-2030TB データシート(PDF) 1 Page - Copal Electronics |
|
SD-2030TB データシート(HTML) 1 Page - Copal Electronics |
1 / 8 page ■ FEATURES O RoHS compliant O Fine click with metallic spring O Low profile of 3.9 mm makes perfect for high density board mounting applications O Gold plated contact provides excellent reliability O Cross and minus slot are available O Terminal pin arrangement 3-3 Part name ① ⑥ ⑦ ⑤ ③ ④ ② Insert rotor Metallic spring Base Housing Contact “O” ring Terminal pin Material Flammability UL94V-0 — UL94V-0 UL94HB UL94V-0 — Polyphenylenesulphide Silicone rubber Polyphenylenesulphide Copper alloy, Gold-plated Rotor : Polyamide Pattern : Copper alloy, Gold-plated Stainless (SUS 301) ■ PART NUMBER DESIGNATION INTERNAL STRUCTURE SD-1000 / 2000 series S D - 1 0 1 0 T B Series name コード Code format 1:Real code (Rotor color Yellow) 3:Complementary code (Rotor color Red) Shape of rotor 0:Without knob (Minus slot) 1:With knob (with extended shaft) 2:Without knob (Cross slot) Shape of terminal Setting position B:Gull wing (Top setting type only) Blank : Through hole pin (Snap-in terminal pin) Form of packaging T:Taping (Gull wing type only) W:Tray packaging Blank:Plastic bag 0:Top setting 1:Side setting ※ Please refer to the LIST OF PART NUMBERS when placing orders. No. of positions 1:16 positions 2:10 positions SD-1000/2000 ① ③ ⑥ ⑤ ⑦ ② ④ ROTARY CODED SWITCHES RoHS compliant |
同様の部品番号 - SD-2030TB |
|
同様の説明 - SD-2030TB |