データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-1111 データシート(PDF) 6 Page - Copal Electronics

部品番号 SD-1111
部品情報  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-1111 データシート(HTML) 6 Page - Copal Electronics

  SD-1111 Datasheet HTML 1Page - Copal Electronics SD-1111 Datasheet HTML 2Page - Copal Electronics SD-1111 Datasheet HTML 3Page - Copal Electronics SD-1111 Datasheet HTML 4Page - Copal Electronics SD-1111 Datasheet HTML 5Page - Copal Electronics SD-1111 Datasheet HTML 6Page - Copal Electronics SD-1111 Datasheet HTML 7Page - Copal Electronics SD-1111 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
10
0.6 W
× 3.2 L × 1.2 D
5
4
3
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.2 D
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
5
4
3
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
10
0.6 W
× 3.2 L × 1.5 D
①Ⓒ④
⑧Ⓒ②
2.54
2.54
4
6 – 0.6
± 0.1
t = 0.15
Production date code
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
<Gull wing, Top setting>
O SD-1010B (Real code)
O SD-1030B (Complementary code)
O SD-2010B (Real code)
O SD-2030B (Complementary code)
O SD-1210B (Real code)
O SD-1230B (Complementary code)
O SD-2210B (Real code)
O SD-2230B (Complementary code)
SD-1000 / 2000
ROTARY CODED SWITCHES


同様の部品番号 - SD-1111

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SD-1111 ETC2-SD-1111 Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
logo
Molex Electronics Ltd.
SD-111102-001 MOLEX-SD-111102-001 Datasheet
135Kb / 1P
   USB CABLE ASSEMBLY COMMERCIAL STD-A PLUG TO MINI-B PLUG STRT
2010/02/24
logo
List of Unclassifed Man...
SD-1111W ETC2-SD-1111W Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

同様の説明 - SD-1111

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com