データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-1021 データシート(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

部品番号 PD-1021
部品情報  Stepper Motor with Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
ホームページ  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1021 データシート(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-1021 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PD-1021 V1.2 Hardware Manual (Rev. 1.01 / 2013-JUL-23)
4
www.trinamic.com
TRINAMICS UNIQUE FEATURES – EASY TO USE WITH TMCL
stallGuard2™ stallGuard2 is a high-precision sensorless load measurement using the back EMF on the
coils. It can be used for stall detection as well as other uses at loads below those which
stall the motor. The stallGuard2 measurement value changes linearly over a wide range
of load, velocity, and current settings. At maximum motor load, the value goes to zero or
near to zero. This is the most energy-efficient point of operation for the motor.
Load
[Nm]
stallGuard2
Initial stallGuard2
(SG) value: 100%
Max. load
stallGuard2 (SG) value: 0
Maximum load reached.
Motor close to stall.
Motor stalls
Figure 1.1 stallGuard2 load measurement SG as a function of load
coolStep™
coolStep is a load-adaptive automatic current scaling based on the load measurement via
stallGuard2 adapting the required current to the load. Energy consumption can be
reduced by as much as 75%. coolStep allows substantial energy savings, especially for
motors which see varying loads or operate at a high duty cycle. Because a stepper motor
application needs to work with a torque reserve of 30% to 50%, even a constant-load
application allows significant energy savings because coolStep automatically enables
torque reserve when required. Reducing power consumption keeps the system cooler,
increases motor life, and allows reducing cost.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50% torque reserve
Figure 1.2 Energy efficiency example with coolStep


同様の部品番号 - PD-1021

メーカー部品番号データシート部品情報
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
   Supply Voltage 9 to 24V DC
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

同様の説明 - PD-1021

メーカー部品番号データシート部品情報
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com