データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74406042047 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74406042047
部品情報  Saturation Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74406042047 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74406042047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74406042047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-LQFS of
Würth Elektronik eiSos GmbH & Co. KG:
General:
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQFS SMD Semishielded Tiny
Power Inductor
ORDER CODE
74406042047
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4818
001.000
Valid
2015-11-10
eiSos
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74406042047

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74406042010 WURTH-74406042010 Datasheet
324Kb / 5P
   Saturation Current
74406042015 WURTH-74406042015 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042022 WURTH-74406042022 Datasheet
324Kb / 5P
   Saturation Current
74406042033 WURTH-74406042033 Datasheet
324Kb / 5P
   Self Resonant Frequency
74406042068 WURTH-74406042068 Datasheet
324Kb / 5P
   Saturation Current
More results

同様の説明 - 74406042047

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74405020015 WURTH-74405020015 Datasheet
320Kb / 5P
   Saturation Current
74406032101 WURTH-74406032101 Datasheet
323Kb / 5P
   Saturation Current
74406042100 WURTH-74406042100 Datasheet
324Kb / 5P
   Saturation Current
74406043027 WURTH-74406043027 Datasheet
325Kb / 5P
   Saturation Current
74405031033 WURTH-74405031033 Datasheet
321Kb / 5P
   Saturation Current
74405042022 WURTH-74405042022 Datasheet
323Kb / 5P
   Saturation Current
74406043012 WURTH-74406043012 Datasheet
325Kb / 5P
   Saturation Current
744050240047 WURTH-744050240047 Datasheet
321Kb / 5P
   Saturation Current
744050420047 WURTH-744050420047 Datasheet
324Kb / 5P
   Saturation Current
784787220 WURTH-784787220 Datasheet
589Kb / 7P
   Saturation Current
74406042022 WURTH-74406042022 Datasheet
324Kb / 5P
   Saturation Current
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com