データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744838480095 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744838480095
部品情報  DC Resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744838480095 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744838480095 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744838480095 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744838480095 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744838480095 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744838480095 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions & Warnings:
The following conditions apply to all goods within the product series of WE-TPBHV of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical wave soldering specification, otherwise this will void the
warranty.
• Reflow soldering is only allowed after evaluation and approval.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
• Due to heavy weight of the component, strong forces and high accelerations might have the effect to damage the electrical connection
or to harm the circuit board and will void the warranty.
The general and prodcut specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744838480095
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-16
eiSos
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744838480095

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744838040400 WURTH-744838040400 Datasheet
456Kb / 5P
   WE-TPBHV Three-Phase Common Mode Power Line Choke
744838180160 WURTH-744838180160 Datasheet
449Kb / 5P
   Insulation Test Voltage
More results

同様の説明 - 744838480095

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744839047160 WURTH-744839047160 Datasheet
449Kb / 5P
   DC Resistance
744839125095 WURTH-744839125095 Datasheet
465Kb / 5P
   DC Resistance
744837006400 WURTH-744837006400 Datasheet
457Kb / 5P
   DC Resistance
744839003460 WURTH-744839003460 Datasheet
454Kb / 5P
   DC Resistance
logo
SynQor Worldwide Headqu...
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
   Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
   Max. of DC resistance
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com