データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8T73S208B-01 データシート(PDF) 2 Page - Integrated Device Technology

部品番号 8T73S208B-01
部品情報  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208B-01 データシート(HTML) 2 Page - Integrated Device Technology

  8T73S208B-01 Datasheet HTML 1Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 2Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208B-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
©2016 Integrated Device Technology, Inc.
April 28, 2016
8T73S208B-01 Datasheet
Pin Descriptions and Pin Characteristics
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Section, “Table 2. Pin Characteristics” values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
32
ADR1, ADR0
Input
Pulldown
I2C Address inputs. LVCMOS/LVTTL interface levels.
2, 7, 18, 23
VEE
Power
Negative supply pins.
3, 4
Q0, nQ0
Output
Differential output pair 0. LVPECL interface levels.
5, 6
Q1, nQ1
Output
Differential output pair 1. LVPECL interface levels.
8, 17
VCCO
Power
Output supply pins.
9, 10
Q2, nQ2
Output
Differential output pair 2. LVPECL interface levels.
11, 12
Q3, nQ3
Output
Differential output pair 3. LVPECL interface levels.
13, 14
Q4, nQ4
Output
Differential output pair 4. LVPECL interface levels.
15, 16
Q5, nQ5
Output
Differential output pair 5. LVPECL interface levels.
19, 20
Q6, nQ6
Output
Differential output pair 6. LVPECL interface levels.
21, 22
Q7, nQ7
Output
Differential output pair 7. LVPECL interface levels.
24,
25
FSEL0,
FSEL1
Input
Pulldown
Frequency divider select controls. See Table 3A for function.
LVCMOS/LVTTL interface levels.
26
IN
Input
Non-inverting differential clock input. RT = 50
 termination to V
T.
27
VT
Termination
Input
Input for termination. Both IN and nIN inputs are internally terminated 50
to this pin. See input termination information in Section, “Applications
Information”.
28
nIN
Input
Inverting differential clock input. RT = 50
 termination to V
T.
29
VCC
Power
Power supply pin.
30
SDA
I/O
Pullup
I2C Data Input/Output. Input: LVCMOS/LVTTL interface levels. Output:
open drain.
31
SCL
Input
Pullup
I2C Clock Input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k


同様の部品番号 - 8T73S208B-01

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
More results

同様の説明 - 8T73S208B-01

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com