データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8T73S208B-01NLGI データシート(PDF) 10 Page - Integrated Device Technology

部品番号 8T73S208B-01NLGI
部品情報  2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208B-01NLGI データシート(HTML) 10 Page - Integrated Device Technology

Back Button 8T73S208B-01NLGI Datasheet HTML 6Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 7Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 8Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 9Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 10Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 11Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 12Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 13Page - Integrated Device Technology 8T73S208B-01NLGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
©2016 Integrated Device Technology, Inc.
April 28, 2016
8T73S208B-01 Datasheet
Parameter Measurement Information, continued
Part-to-Part Skew
Output Rise/Fall Times
Output Duty Cycle/Pulse Width/Period
Single-Ended & Differential Input Voltage Swing
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
10%
90%
90%
10%
tR
t F
VSWING
nQ[0:7]
Q[0:7]
nQ[0:7]
Q[0:7]
nQ[0:7]
Q[0:7]
V
IN
V
DIFF_IN
Differential Voltage Swing = 2 x Single-ended V
IN
nIN
IN


同様の部品番号 - 8T73S208B-01NLGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
More results

同様の説明 - 8T73S208B-01NLGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Analog Devices
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com