データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14066BDG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14066BDG
部品情報  Quad Analog Switch/Quad Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BDG データシート(HTML) 4 Page - ON Semiconductor

  MC14066BDG Datasheet HTML 1Page - ON Semiconductor MC14066BDG Datasheet HTML 2Page - ON Semiconductor MC14066BDG Datasheet HTML 3Page - ON Semiconductor MC14066BDG Datasheet HTML 4Page - ON Semiconductor MC14066BDG Datasheet HTML 5Page - ON Semiconductor MC14066BDG Datasheet HTML 6Page - ON Semiconductor MC14066BDG Datasheet HTML 7Page - ON Semiconductor MC14066BDG Datasheet HTML 8Page - ON Semiconductor MC14066BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC14066B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C unless otherwise noted.)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 5)
Max
Unit
Propagation Delay Times
VSS = 0 Vdc
Input to Output (RL = 10 kW)
tPLH, tPHL = (0.17 ns/pF) CL + 15.5 ns
tPLH, tPHL = (0.08 ns/pF) CL + 6.0 ns
tPLH, tPHL = (0.06 ns/pF) CL + 4.0 ns
tPLH, tPHL
5.0
10
15
20
10
7.0
40
20
15
ns
Control to Output (RL = 1 kW) (Figure 2)
Output “1” to High Impedance
tPHZ
5.0
10
15
40
35
30
80
70
60
ns
Output “0” to High Impedance
tPLZ
5.0
10
15
40
35
30
80
70
60
ns
High Impedance to Output “1”
tPZH
5.0
10
15
60
20
15
120
40
30
ns
High Impedance to Output “0”
tPZL
5.0
10
15
60
20
15
120
40
30
ns
Second Harmonic Distortion
VSS = – 5 Vdc
(Vin = 1.77 Vdc, RMS Centered @ 0.0 Vdc,
RL = 10 kW, f = 1.0 kHz)
5.0
0.1
%
Bandwidth (Switch ON) (Figure 3)
VSS = – 5 Vdc
(RL = 1 kW, 20 Log (Vout/Vin) = − 3 dB, CL = 50 pF,
Vin = 5 Vp−p)
5.0
65
MHz
Feedthrough Attenuation (Switch OFF)
VSS = – 5 Vdc
(Vin = 5 Vp−p, RL = 1 kW, fin = 1.0 MHz) (Figure 3)
5.0
– 50
dB
Channel Separation (Figure 4)
VSS = – 5 Vdc
(Vin = 5 Vp−p, RL = 1 kW, fin = 8.0 MHz)
(Switch A ON, Switch B OFF)
5.0
– 50
dB
Crosstalk, Control Input to Signal Output (Figure 5)
VSS = – 5 Vdc
(R1 = 1 kW, RL = 10 kW, Control tTLH = tTHL = 20 ns)
5.0
300
mVp−p
4. The formulas given are for the typical characteristics only at 25
_C.
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


同様の部品番号 - MC14066BDG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14066BDG ONSEMI-MC14066BDG Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
More results

同様の説明 - MC14066BDG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com