データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3001D1PWP データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3001D1PWP
部品情報  20 W MONO CLASS D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1PWP データシート(HTML) 2 Page - Texas Instruments

  TPA3001D1PWP Datasheet HTML 1Page - Texas Instruments TPA3001D1PWP Datasheet HTML 2Page - Texas Instruments TPA3001D1PWP Datasheet HTML 3Page - Texas Instruments TPA3001D1PWP Datasheet HTML 4Page - Texas Instruments TPA3001D1PWP Datasheet HTML 5Page - Texas Instruments TPA3001D1PWP Datasheet HTML 6Page - Texas Instruments TPA3001D1PWP Datasheet HTML 7Page - Texas Instruments TPA3001D1PWP Datasheet HTML 8Page - Texas Instruments TPA3001D1PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPA3001D1
SLOS398A − DECEMBER 2002 − REVISED APRIL 2003
2
www.ti.com
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
TA
TSSOP (PWP)†
−40
°C to 85°C
TPA3001D1PWP
† The PWP package is available taped and reeled. To order a taped and
reeled part, add the suffix R to the part number (e.g., TPA3001D1PWPR).
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INN
INP
GAIN0
GAIN1
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
OUTP
PGND
PWP PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
18, 19
Analog ground terminal
BSN
8
I
Bootstrap terminal for high-side gate drive of negative BTL output (connect a 0.22-
µF capacitor with a
51-
Ω resistor in series from OUTN to BSN)
BSP
17
I
Bootstrap terminal for high-side gate drive of positive BTL output (connect a 0.22-
µF capacitor with a
51-
Ω resistor in series from OUTP to BSP)
BYPASS
22
I
Connect 1-
µF capacitor to ground for BYPASS voltage filtering
COSC
21
I
Connect a 220-pF capacitor to ground to set oscillation frequency
GAIN0
3
I
Bit 0 of gain control (see Table 1 for gain settings)
GAIN1
4
I
Bit 1 of gain control (see Table 1 for gain settings)
INN
1
I
Negative differential input
INP
2
I
Positive differential input
OUTN
10, 11
O
Negative BTL output, connect Schottky diode from PGND to OUTN for short-circuit protection
OUTP
14, 15
O
Positive BTL output, connect Schottky diode from PGND to OUTP for short-circuit protection
PGND
6, 12, 13
Power ground
PVCC
9, 16
I
High-voltage power supply (for output stages)
ROSC
20
I
Connect 120 k
Ω resistor to ground to set oscillation frequency
SHUTDOWN
5
I
Shutdown terminal (negative logic), TTL compatible, 21-V compliant
VCC
24
I
Analog high-voltage power supply
VCLAMP
7
O
Connect 1-
µF capacitor to ground to provide reference voltage for H-bridge gates
VREF
23
O
5-V internal regulator for control circuitry (connect a 0.1-
µF to 1-µF capacitor to ground)


同様の部品番号 - TPA3001D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPG4 TI-TPA3001D1PWPG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPR TI-TPA3001D1PWPR Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1PWPRG4 TI-TPA3001D1PWPRG4 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3001D1PWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com