データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QVS107CG0R8CCHT データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 QVS107CG0R8CCHT
部品情報  Lifecycle Stage Mass Production
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS107CG0R8CCHT データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QVS107CG0R8CCHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS107CG0R8CCHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG0R8CCHT
Features
Item Summary
0.8pF±0.25pF, 250V,
C0G/CG, 0603/1608 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Capacitance
0.8 pF ± 0.25pF
Case Size (EIA/JIS)
0603/1608
Rated Voltage
250 V
Q (min)
816 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.6 ±0.10 mm
Dimension W
0.8 ±0.10 mm
Dimension T
0.7 ±0.10 mm
Dimension e
0.35 ±0.25 mm
2016.11.30
1 / 1


同様の部品番号 - QVS107CG0R8CCHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG0R8CC8T TAIYO-YUDEN-QVS107CG0R8CC8T Datasheet
399Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

同様の説明 - QVS107CG0R8CCHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
EMK316BB7226ML-T TAIYO-YUDEN-EMK316BB7226ML-T Datasheet
331Kb / 2P
   Lifecycle Stage Mass Production
QVS107CG5R6CCHT TAIYO-YUDEN-QVS107CG5R6CCHT Datasheet
283Kb / 2P
   Lifecycle Stage Mass Production
HMK212BJ474KG-TE TAIYO-YUDEN-HMK212BJ474KG-TE Datasheet
332Kb / 2P
   Lifecycle Stage Mass Production
GMJ107BB7473KAHT TAIYO-YUDEN-GMJ107BB7473KAHT Datasheet
285Kb / 2P
   Lifecycle Stage Mass Production
EMK042CG5R6BD-W TAIYO-YUDEN-EMK042CG5R6BD-W Datasheet
286Kb / 2P
   Mass Production
EMK042CG2R5AD-W TAIYO-YUDEN-EMK042CG2R5AD-W Datasheet
287Kb / 2P
   Mass Production
EMK042CG5R1CD-W TAIYO-YUDEN-EMK042CG5R1CD-W Datasheet
286Kb / 2P
   Mass Production
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
   Mass Production
TMK042CG4R2CD-W TAIYO-YUDEN-TMK042CG4R2CD-W Datasheet
286Kb / 2P
   Mass Production
TMK042CG4R6CD-W TAIYO-YUDEN-TMK042CG4R6CD-W Datasheet
286Kb / 2P
   Mass Production
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com