データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QVS212CG4R7BDHT データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 QVS212CG4R7BDHT
部品情報  High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QVS212CG4R7BDHT データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QVS212CG4R7BDHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QVS212CG4R7BDHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG4R7BDHT
Features
Item Summary
4.7pF±0.1pF, 250V,
C0G/CG, 0805/2012 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
Capacitance
4.7 pF ± 0.1pF
Case Size (EIA/JIS)
0805/2012
Rated Voltage
250 V
Q (min)
894 at 1MHz
Temperature Characteristic (EIA)
C0G
Operating Temp. Range (EIA)
-55 to +125 ℃
Temperature Characteristic (JIS)
CG
Operating Temp. Range (JIS)
-55 to +125 ℃
Temperature Characteristic
0 ±30 ppm/℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.10 mm
Dimension W
1.25 ±0.10 mm
Dimension T
0.85 ±0.10 mm
Dimension e
0.50 ±0.25 mm
2016.11.30
1 / 1


同様の部品番号 - QVS212CG4R7BDHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG4R7BD8T TAIYO-YUDEN-QVS212CG4R7BD8T Datasheet
399Kb / 3P
   High Frequency Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

同様の説明 - QVS212CG4R7BDHT

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
QVS107CG0R9CCHT TAIYO-YUDEN-QVS107CG0R9CCHT Datasheet
277Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG0R5CDHT TAIYO-YUDEN-QVS212CG0R5CDHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG220JCHT TAIYO-YUDEN-QVS107CG220JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R8BCHT TAIYO-YUDEN-QVS107CG1R8BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG3R3CCHT TAIYO-YUDEN-QVS107CG3R3CCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG030BCHT TAIYO-YUDEN-QVS107CG030BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG8R2CDHT TAIYO-YUDEN-QVS212CG8R2CDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS212CG390JDHT TAIYO-YUDEN-QVS212CG390JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG0R9BCHT TAIYO-YUDEN-QVS107CG0R9BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG101JCHT TAIYO-YUDEN-QVS107CG101JCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
QVS107CG1R1CCHT TAIYO-YUDEN-QVS107CG1R1CCHT Datasheet
278Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive / Industrial Applications
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com