データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6333C データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDC6333C
部品情報  30V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6333C データシート(HTML) 6 Page - Fairchild Semiconductor

  FDC6333C Datasheet HTML 1Page - Fairchild Semiconductor FDC6333C Datasheet HTML 2Page - Fairchild Semiconductor FDC6333C Datasheet HTML 3Page - Fairchild Semiconductor FDC6333C Datasheet HTML 4Page - Fairchild Semiconductor FDC6333C Datasheet HTML 5Page - Fairchild Semiconductor FDC6333C Datasheet HTML 6Page - Fairchild Semiconductor FDC6333C Datasheet HTML 7Page - Fairchild Semiconductor FDC6333C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDC6333C Rev C (W)
Typical Characteristics: P-Channel
0
2
4
6
8
10
0
1
2
3
4
5
-VDS, DRAIN-SOURCE VOLTAGE (V)
-4.0V
-4.5V
VGS = -10V
-6.0V
-3.5V
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
-ID, DRAIN CURRENT (A)
VGS = -3.5V
-4.5V
-5.0V
-10V
-6.0V
-4.0V
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2A
VGS =-10V
0
0.1
0.2
0.3
0.4
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1A
TA = 125
oC
TA = 25
oC
Figure 13. On-Resistance Variation
withTemperature.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
1.5
2.5
3.5
4.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
125
oC
VDS = -5V
25
oC
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDC6333C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6330 FAIRCHILD-FDC6330 Datasheet
185Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
logo
ON Semiconductor
FDC6330L ONSEMI-FDC6330L Datasheet
291Kb / 4P
   Integrated Load Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
91Kb / 4P
   Integrated Load Switch
More results

同様の説明 - FDC6333C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com