データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT161DR2G データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74ACT161DR2G
部品情報  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT161DR2G データシート(HTML) 3 Page - ON Semiconductor

  MC74ACT161DR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT161DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
www.onsemi.com
3
CD
PE
P0
P1
P2
CEP
P3
CET
CP
Q0
Q1
Q2
Q3
TC
MR
′161
SR
′163
′163
ONLY
′163
CP
Q0
Q0
CP
DETAIL A
DETAIL A
DETAIL A
DETAIL A
DCP
D
QQ
Figure 4. Logic Diagram
NOTE:
This diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
′161
ONLY
′161
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 v VI v VCC )0.5
V
VO
DC Output Voltage
(Note 1)
*0.5 v VO v VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$50
mA
IO
DC Output Sink/Source Current
$50
mA
ICC
DC Supply Current per Output Pin
$50
mA
IGND
DC Ground Current per Output Pin
$50
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction temperature under Bias
)150
°C
qJA
Thermal Resistance (Note 2)
69.1
°C/W
PD
Power Dissipation in Still Air at 65
°C (Note 3)
500
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
Charged Device Model (Note 6)
> 2000
> 200
> 1000
V
ILatch−Up
Latch−Up Performance
Above VCC and Below GND at 85°C (Note 7)
$100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD51−7.
3. 500 mW at 65
°C; derate to 300 mW by 10 mW/ from 65°C to 85°C.
4. Tested to EIA/JESD22−A114−A.
5. Tested to EIA/JESD22−A115−A.
6. Tested to JESD22−C101−A.
7. Tested to EIA/JESD78.


同様の部品番号 - MC74ACT161DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74ACT161DR2 ONSEMI-MC74ACT161DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

同様の説明 - MC74ACT161DR2G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com