データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14029B データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC14029B
部品情報  Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14029B データシート(HTML) 6 Page - ON Semiconductor

  MC14029B_15 Datasheet HTML 1Page - ON Semiconductor MC14029B_15 Datasheet HTML 2Page - ON Semiconductor MC14029B_15 Datasheet HTML 3Page - ON Semiconductor MC14029B_15 Datasheet HTML 4Page - ON Semiconductor MC14029B_15 Datasheet HTML 5Page - ON Semiconductor MC14029B_15 Datasheet HTML 6Page - ON Semiconductor MC14029B_15 Datasheet HTML 7Page - ON Semiconductor MC14029B_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14029B
www.onsemi.com
6
TIMING DIAGRAM
CLOCK
CARRY IN
UP/DOWN
BINARY/DECADE
PE
P0
P1
P2
P3
Q0
Q1
Q2
Q3
CARRY OUT
COUNT
01
2
3
4
5
6
7
898
7
6
5
4
32
1
0
09
6
7
0
Figure 3. Divide by N BCD Down Counter and Timing Diagram
(Shown for N = 123)
Q3 Q2 Q1 Q0
P3 P2
P1 P0 CLK
Cout
U/D
B/D
Q3 Q2 Q1 Q0
P3 P2
P1 P0 CLK
Cout
U/D
B/D
Q3 Q2 Q1 Q0
P3 P2
P1 P0 CLK
Cout
U/D
B/D
Cin
PE
Cin
PE
Cin
PE
MC14029B
MSD
MC14029B
MC14029B
LSD
OUTPUT
INPUT
CLOCK
“1"
“2"
“3"
VDD
VDD
VDD
VDD
CLOCK
Cout 1 (LSD)
Cout 2
Cout 3 (MSD)
PE
COUNT
*tW ^ 900 ns @ VDD = 5 V


同様の部品番号 - MC14029B_15

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14029BCL MOTOROLA-MC14029BCL Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
MC14029BCP MOTOROLA-MC14029BCP Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029BCP ONSEMI-MC14029BCP Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
MC14029BCP ONSEMI-MC14029BCP Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
MC14029BCPG ONSEMI-MC14029BCPG Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
More results

同様の説明 - MC14029B_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com