データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDRCP-HS-48-60 データシート(PDF) 2 Page - Technology Dynamics Inc.

部品番号 TDRCP-HS-48-60
部品情報  HOT SWAP 1U, RACK MOUNT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECHNOLOGY [Technology Dynamics Inc.]
ホームページ  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TDRCP-HS-48-60 データシート(HTML) 2 Page - Technology Dynamics Inc.

  TDRCP-HS-48-60 Datasheet HTML 1Page - Technology Dynamics Inc. TDRCP-HS-48-60 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Size: mm
ADDRESS
RCP-1UT
RCP-1UI
SWITCH
LA
LB
LC
NA
NB
NC
10
8
CN500
CN500
1
14
13
25
direction
A
B
C
+
+
-
-
1
14
13
25
22
22
10.6
466.2
483.6
440
ADDRESS
SWITCH
division of
APPLIED POWER CONVERSION
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
Website: www.theallpower.com
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
MECHANICAL OUTLINE
MODEL SELECTION
Single Module
Model
Output
Voltage
Current
(A)
TDRCP-HS-12-60
12V
60A
TDRCP-HS-15-48
TDRCP-HS-24-41
TDRCP-HS-28-35
TDRCP-HS-48-20
15V
24V
28V
48V
48A
41A
35A
20A
1000 W
2000WINPARALLEL/1000WREDUNDANT
Single Module
Model
Output
Voltage
Current
(A)
TDRCP-HS-12-120
12V
120A
TDRCP-HS-15-96
TDRCP-HS-24-82
TDRCP-HS-28-70
TDRCP-HS-48-40
15V
24V
28V
48V
96A
82A
70A
40A
Single Module
Model
Output
Voltage
Current
(A)
TDRCP-HS-12-180
12V
180A
TDRCP-HS-15-144
TDRCP-HS-24-123
TDRCP-HS-28-105
TDRCP-HS-48-60
15V
24V
28V
48V
144A
123A
105A
60A
3000WINPARALLEL/2000WREDUNDANT
NOTE: Other Voltages and currents available, consult the factory for your exact needs.


同様の部品番号 - TDRCP-HS-48-60

メーカー部品番号データシート部品情報
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
   Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
logo
Mean Well Enterprises C...
TDR-240 MEANWELL-TDR-240 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-24 MEANWELL-TDR-240-24 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-240-48 MEANWELL-TDR-240-48 Datasheet
2Mb / 4P
   240W Slim Three Phase Industrial DIN Rail with PFC Function
TDR-480 MEANWELL-TDR-480 Datasheet
651Kb / 4P
   THREE-PHASE 340~550VAC WIDE RANGE UNPUT(DUAL PHASE OPERATION POSSIBLE)
More results

同様の説明 - TDRCP-HS-48-60

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
logo
Technology Dynamics Inc...
PTCP-HS-5-180 TECHNOLOGY-PTCP-HS-5-180 Datasheet
173Kb / 2P
   HOT SWAP POWER SYSTEMS
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
Maxim Integrated Produc...
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
   Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
logo
Texas Instruments
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Texas Instruments
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com