データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1JUL データシート(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

部品番号 ES1JUL
部品情報  SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYELEC [DIYI Electronic Technology Co., Ltd.]
ホームページ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ES1JUL データシート(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ES1JUL Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ES1JUL Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
FIG. 2-TYPICAL INSTANTANEOUS FORWARD
FIG. 3-MAXIMUM NON-REPETITIVE PEAK FORWARD
ES1AUL THRU ES1JUL
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
T =25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
ES1AUL-ES1DUL
ES1GUL
ES1JUL
45
37.5
30
22.5
15
7.5
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
AMBIENT TEMPERATURE (oC)
FORWARD VOLTAGE (V)
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
A
TA=100 C
T =25 C
A
version:01
www.dyelec.com
, INSTANTANEOUS
F
V
A
T


同様の部品番号 - ES1JUL

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1J PACELEADER-ES1J Datasheet
431Kb / 2P
   1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
Rugao Dachang Electroni...
ES1J DACHANG-ES1J Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
Nantong Hornby Electron...
ES1J HORNBY-ES1J Datasheet
268Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results

同様の説明 - ES1JUL

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
ES1ANL DYELEC-ES1ANL Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com