データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL0831 データシート(PDF) 7 Page - Integrated Device Technology

部品番号 9ZXL0831
部品情報  8-OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL0831 データシート(HTML) 7 Page - Integrated Device Technology

Back Button 9ZXL0831_16 Datasheet HTML 3Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 4Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 5Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 6Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 7Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 8Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 9Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 10Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
9ZXL0831
8-OUTPUT DB800ZL
IDT®
8-OUTPUT DB800ZL
7
9ZXL0831
REV E 081616
Electrical Characteristics–DIF 0.7V Low Power Differential Outputs
Electrical Characteristics–Current Consumption
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
2
3.3
4
V/ns
1, 2, 3
Slew rate matching
∆Trf
Slew rate matching, Scope averaging on
6.8
20
%
1, 2, 4
Voltage High
VHigh
660
778
850
1
Voltage Low
VLow
-150
0
150
1
Max Voltage
Vmax
918
1150
1
Min Voltage
Vmin
-300
-71
1
Vswing
Vswing
Scope averaging off
300
1556
1812
mV
1, 2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
300
458
550
mV
1, 5
Crossing Voltage (var)
∆-Vcross
Scope averaging off
17
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting ∆-Vcross to be smaller than Vcross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. C
L = 2pF with RS = 27Ω for Zo = 85Ω differential trace
impedance).
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDVDD
133MHz, VDD rail
59
75
mA
1
IDDVDDA
133MHz, VDDA + VDDR rail, PLL Mode
19
25
mA
1
IDDVDDPD
Power Down, VDD Rail
1.2
2mA
1
IDDVDDAPD
Power Down, VDDA Rail
2.5
5mA
1
1Guaranteed by design and characterization, not 100% tested in production.
2 C
L = 2pF with RS = 27Ω for Zo = 85Ω differential trace impedance
Operating Current
Powerdown Current


同様の部品番号 - 9ZXL0831_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL0831AKLF RENESAS-9ZXL0831AKLF Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
9ZXL0831AKLFT RENESAS-9ZXL0831AKLFT Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
   8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
9ZXL0831EKILF IDT-9ZXL0831EKILF Datasheet
273Kb / 18P
   8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
logo
Renesas Technology Corp
9ZXL0831EKILF RENESAS-9ZXL0831EKILF Datasheet
1Mb / 34P
   4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
More results

同様の説明 - 9ZXL0831_16

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL0831 RENESAS-9ZXL0831 Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
   8-Bit Voltage-Output
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
   8-bit data output
April 2015 Rev 2
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
   8-bit calibrated output
logo
Integrated Device Techn...
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
   8-output CK420BQ Derivative
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com