データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL0831AKLF データシート(PDF) 1 Page - Integrated Device Technology

部品番号 9ZXL0831AKLF
部品情報  8-OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL0831AKLF データシート(HTML) 1 Page - Integrated Device Technology

  9ZXL0831AKLF Datasheet HTML 1Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 2Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 3Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 4Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 5Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL0831AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
8-OUTPUT DB800ZL
9ZXL0831
IDT®
8-OUTPUT DB800ZL
1
9ZXL0831
REV E 081616
General Description
The 9ZXL0831 is a low-power 8-output differential buffer
that meets all the performance requirements of the Intel
DB800ZL specification. It is suitable for PCI-Express
Gen1/2/3 or QPI/UPI applications, and uses a fixed external
feedback to maintain low drift for demanding QPI/UPI
applications.
Recommended Application
Buffer for Romley, Grantley and Purley Servers, SSD drives
and PCIe
Output Features
8 - LP-HCSL Output Pairs
Features/Benefits
Low-power push-pull outputs; Save power and board
space - no Rp
Space-saving 48-pin VFQFPN package
Fixed feedback path for 0ps input-to-output delay
8 OE# pins; hardware control of each output
PLL or bypass mode; PLL can dejitter incoming clock
100MHz or 133MHz PLL mode operation; supports PCIe
and QPI applications
Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
Spread Spectrum Compatible; tracks spreading input
clock for low EMI
Key Specifications
Cycle-to-cycle jitter <50ps
Output-to-output skew <65 ps
Input-to-output delay variation <50ps
PCIe Gen3 phase jitter <1.0ps RMS
QPI/UPI 9.6GT/s 12UI phase jitter <0.2ps RMS
Block Diagram
Logic
DIF(7:0)
HIBW_BYPM_LOBW#
SMBDAT
SMBCLK
CKPWRGD/PD#
100M_133M#
Z-PLL
(SS Compatible)
DFB_OUT_NC
DIF_IN
DIF_IN#
OE(7:0)#


同様の部品番号 - 9ZXL0831AKLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL0831AKLF RENESAS-9ZXL0831AKLF Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
9ZXL0831AKLFT RENESAS-9ZXL0831AKLFT Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
More results

同様の説明 - 9ZXL0831AKLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL0831 RENESAS-9ZXL0831 Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
   8-Bit Voltage-Output
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
   8-bit data output
April 2015 Rev 2
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
   8-bit calibrated output
logo
Integrated Device Techn...
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
   8-output CK420BQ Derivative
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com