データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL1930BKLF データシート(PDF) 3 Page - Integrated Device Technology

部品番号 9ZXL1930BKLF
部品情報  19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1930BKLF データシート(HTML) 3 Page - Integrated Device Technology

  9ZXL1930BKLF Datasheet HTML 1Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 2Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 3Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 4Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 5Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1930BKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
9ZXL1930
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
3
9ZXL1930
REV D 112015
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDA
PWR
3.3V power for the PLL core.
2
GNDA
PWR
Ground pin for the PLL core.
3100M_133M#
IN
3.3V Input to selec t operating frequenc y
See Func tionality Table for Definition
4
HIBW_BYPM_LOBW#
IN
Trilevel input to select High BW, Bypass or Low BW mode.
See PLL Operating Mode Table for Details.
5
CKPWRGD_PD#
IN
Notifies device to sample latched inputs and s tart up on first high assertion, or exit
Power Down Mode on subs equent as sertions. Low enters Power Down Mode.
6
GND
PWR
Ground pin.
7
VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be treated as an
analog power rail and filtered appropriately.
8
DIF_IN
IN
0.7 V Differential TRUE input
9
DIF_IN#
IN
0.7 V Differential Complementary Input
10
SMB_A0_tri
IN
SMBus address bit. This is a tri-level input that work s in conjunction with the SMB_A1
to decode 1 of 9 SMBus Addresses.
11
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
12
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
13
SMB_A1_tri
IN
SMBus address bit. This is a tri-level input that work s in conjunction with the SMB_A0
to decode 1 of 9 SMBus Addresses.
14
FBOUT_NC#
OUT
Complementary half of differential feedback output. This pin should NOT be connected
to anything outside the chip. It exists to provide delay path matching to get 0
propagation delay.
15
FBOUT_NC
OUT
True half of differential feedback output. This pin should NOT be connected to anything
outside the chip. It ex ists to provide delay path matching to get 0 propagation delay.
16
GND
PWR
Ground pin.
17
DIF_0
OUT
0.7V differential true cloc k output
18
DIF_0#
OUT
0.7V differential Complementary clock output
19
DIF_1
OUT
0.7V differential true cloc k output
20
DIF_1#
OUT
0.7V differential Complementary clock output
21
VDDIO
PWR
Power supply for differential outputs
22
GND
PWR
Ground pin.
23
DIF_2
OUT
0.7V differential true cloc k output
24
DIF_2#
OUT
0.7V differential Complementary clock output
25
DIF_3
OUT
0.7V differential true cloc k output
26
DIF_3#
OUT
0.7V differential Complementary clock output
27
GND
PWR
Ground pin.
28
VDD
PWR
Power supply, nominal 3.3V
29
DIF_4
OUT
0.7V differential true cloc k output
30
DIF_4#
OUT
0.7V differential Complementary clock output
31
DIF_5
OUT
0.7V differential true cloc k output
32
DIF_5#
OUT
0.7V differential Complementary clock output
33
VDDIO
PWR
Power supply for differential outputs
34
GND
PWR
Ground pin.
35
DIF_6
OUT
0.7V differential true cloc k output
36
DIF_6#
OUT
0.7V differential Complementary clock output


同様の部品番号 - 9ZXL1930BKLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL1930BKLF RENESAS-9ZXL1930BKLF Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLFT RENESAS-9ZXL1930BKLFT Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
More results

同様の説明 - 9ZXL1930BKLF

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9Z61195D RENESAS-9Z61195D Datasheet
691Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers
September 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com