データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426AKLFT データシート(PDF) 5 Page - Integrated Device Technology

部品番号 932SQ426AKLFT
部品情報  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426AKLFT データシート(HTML) 5 Page - Integrated Device Technology

  932SQ426AKLFT Datasheet HTML 1Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 2Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 3Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 4Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 5Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 6Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 7Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 8Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
5
932SQ426
REV C 022916
Pin Configuration (VFQFPN)
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
GNDPCI 1
48 GNDCPU
VDDPCI 2
47 VDDCPU
PCI4_2x 346 CPU1T
PCI3_2x 445 CPU1C
PCI2_2x 544 CPU0T
PCI1_2x 643 CPU0C
PCI0_2x 7
42 GNDNS
GNDPCI 8
41 AVDD_NS_SAS
VDDPCI 9
40 NS_SAS1T
VDD48 10
39 NS_SAS1C
48M_2x 11
38 NS_SAS0T
GND48 12
37 NS_SAS0C
GND96 13
36 GNDNS
DOT96T 14
35 VDDNS
DOT96C 15
34 NS_SRC1T
AVDD96 16
33 NS_SRC1C
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldowm
932SQ426
64-pin VFQFPN


同様の部品番号 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

同様の説明 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com