データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426AKLFT データシート(PDF) 7 Page - Integrated Device Technology

部品番号 932SQ426AKLFT
部品情報  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426AKLFT データシート(HTML) 7 Page - Integrated Device Technology

Back Button 932SQ426AKLFT Datasheet HTML 3Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 4Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 5Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 6Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 7Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 8Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 9Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 10Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
7
932SQ426
REV C 022916
Pin Descriptions (VFQFPN, cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
NS_SRC1C
OUT
Complementary clock of differential non-spreading SRC output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
34
NS_SRC1T
OUT
True clock of differential non-spreading SRC output.
These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
35
VDDNS
PWR 3.3V power for the Non-Spreading differential outputs outputs and logic
36
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
37
NS_SAS0C
OUT
Complementary clock of differentia non-spreading SAS output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
38
NS_SAS0T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
39
NS_SAS1C
OUT
Complementary clock of differentia non-spreading SAS output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
40
NS_SAS1T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
41
AVDD_NS_SAS
PWR 3.3V power for the non-spreading SAS/SRC PLL analog circuits.
42
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
43
CPU0C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
44
CPU0T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
45
CPU1C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
46
CPU1T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
47
VDDCPU
PWR 3.3V power for the CPU outputs and logic
48
GNDCPU
PWR Ground pin for CPU outputs and logic.
49
CPU2C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
50
CPU2T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
51
CPU3C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended Terminations
for specific values.
52
CPU3T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
53
VDDCPU
PWR 3.3V power for the CPU outputs and logic
54
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
55
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
56
GND14
PWR Ground pin for 14MHz output and logic.
57
AVDD14
PWR Analog power pin for 14MHz PLL
58
VDD14
PWR Power pin for 14MHz output and logic
59
vREF14_3x/TEST_SE
L
I/O
14.318 MHz reference clock. 3X drive strength as default / TEST_SEL latched input to enable test mode.
Refer to Test Clarification Table. This pin has a weak (~120Kohm) internal pull down.
60
GND14
PWR Ground pin for 14MHz output and logic.
61
GNDXTAL
PWR Ground pin for Crystal Oscillator.
62
X1_25
IN
Crystal input, Nominally 25.00MHz.
63
X2_25
OUT Crystal output, Nominally 25.00MHz.
64
VDDXTAL
PWR 3.3V power for the crystal oscillator.


同様の部品番号 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

同様の説明 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com