データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426AKLFT データシート(PDF) 8 Page - Integrated Device Technology

部品番号 932SQ426AKLFT
部品情報  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426AKLFT データシート(HTML) 8 Page - Integrated Device Technology

Back Button 932SQ426AKLFT Datasheet HTML 4Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 5Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 6Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 7Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 8Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 9Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 10Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 11Page - Integrated Device Technology 932SQ426AKLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
8
932SQ426
REV C 022916
Test Loads and Recommended Terminations
Differential Zo
Rp
Rp
HSCL Output
Buffer
932SQ426 Differential Test Loads
Rs
Rs
2pF
2pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Zo
5pF
Rs
Rs
Rs
Rs
Rs
Rs
Differential Output Termination Table
D IF Zo (Ω)Iref (Ω)Rs (Ω)Rp (Ω)
100
475
33
50
85
412
27
43.2
Single-ended Output Termination Table
Output
Loads
Zo = 50Ω
Zo =60Ω
PCI/USB
1
36
43
PCI/USB
2
22
33
REF
1
39
47
REF
2
27
36
REF
3
10
20
Rs Value
(for each load)


同様の部品番号 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

同様の説明 - 932SQ426AKLFT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com