データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1550 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL1550
部品情報  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550 データシート(HTML) 4 Page - Intersil Corporation

  ISL1550 Datasheet HTML 1Page - Intersil Corporation ISL1550 Datasheet HTML 2Page - Intersil Corporation ISL1550 Datasheet HTML 3Page - Intersil Corporation ISL1550 Datasheet HTML 4Page - Intersil Corporation ISL1550 Datasheet HTML 5Page - Intersil Corporation ISL1550 Datasheet HTML 6Page - Intersil Corporation ISL1550 Datasheet HTML 7Page - Intersil Corporation ISL1550 Datasheet HTML 8Page - Intersil Corporation ISL1550 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL1550
4
FN6795.0
March 16, 2012
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +13.2V
Driver VIN+ Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND to +VS
C0, C1 Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +VS
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current for Long Term Reliability. . . . . . . . . . . . . . . . .50mA
ESD Rating
Human Body Model (Tested per JESD22-A114F). . . . . . . . . . . . . . . . . . 4kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . . 300V
Charge Device Model (Tested per JESD22-C101E). . . . . . . . . . . . . .1.5kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Ld QFN Package (Notes 4, 5) . . . . . . . .
53
16.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VS = ±6V, see Figure 1, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
See Figure 1
105
MHz
THD
Total Harmonic Distortion, Differential
f = 200kHz, VO = 12VP-P output, RL = 20Ω
-89
dBc
f = 4MHz, VO = 12VP-P output, RL = 100Ω
-67
dBc
f = 10MHz, VO = 12VP-P output, RL = 100Ω
-61
dBc
SR
Slew Rate (20% to 80%)
VOUT from -6V to +6V (differential)
1500
2400
V/µs
DC PERFORMANCE
VOS_CM
Input Offset Voltage Common Mode
-45
+45
mV
VOS_DM
Input Offset Voltage Differential Mode
-7.5
+7.5
mV
INPUT CHARACTERISTICS
IB+
Non-Inverting Input Bias Current
-7.0
-3.0
+7.0
µA
IB- DM
Inverting Input Bias Current Differential
Mode
-45
±7
+45
µA
eO
Differential Output Noise
See Figure 1 [at transformer input]
45
nV√Hz
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing (single-ended)
VS = ±6V, RL DIFF = 100Ω
±4.7
±5.0
V
VS = ±6V, RL DIFF = 20Ω
±4.5
V
SUPPLY
+VS
Supply Voltage
Single supply (-VS = GND)
8.0
12
13.2
V
IS+ (Full Bias)
Positive Supply Current
All outputs at 0V, C0 = C1 = 0V
27
32
37
mA
IS+ (Medium Bias)
Positive Supply Current
All outputs at 0V, C0 = 5V, C1 = 0V
19
23
26
mA
IS+ (Low Bias)
Positive Supply Current
All outputs at 0V, C0 = 0V, C1 = 5V
12
15
18
mA
IS+ (Power down)
Positive Supply Current
All outputs at 0V, C0 = C1 = 5V
1.3
1.6
2.5
mA
IINH, C0 or C1
C0, C1 Input Current, High
C0, C1 = 6V
100
165
224
µA
IINL, C0 or C1
C0, C1 Input Current, Low
C0, C1 = 0V
-1.5
-1.0
+1.5
µA
VINH, C0 or C1
C0, C1 Input Voltage, High
2.0
V
VINL, C0 or C1
C0, C1 Input Voltage, Low
0.8
V
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


同様の部品番号 - ISL1550

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ RENESAS-ISL1550IRZ Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ-EVALZ INTERSIL-ISL1550IRZ-EVALZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
More results

同様の説明 - ISL1550

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com