データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1591 データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL1591
部品情報  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591 データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL1591 Datasheet HTML 7Page - Intersil Corporation ISL1591 Datasheet HTML 8Page - Intersil Corporation ISL1591 Datasheet HTML 9Page - Intersil Corporation ISL1591 Datasheet HTML 10Page - Intersil Corporation ISL1591 Datasheet HTML 11Page - Intersil Corporation ISL1591 Datasheet HTML 12Page - Intersil Corporation ISL1591 Datasheet HTML 13Page - Intersil Corporation ISL1591 Datasheet HTML 14Page - Intersil Corporation ISL1591 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL1591
11
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C1 = 3.3V, C0 = 0V (50%power) unless otherwise noted.
FIGURE 33. SMALL SIGNAL BW vs SUPPLY VOLTAGE
FIGURE 34. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 35. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 36. VDSL2+ 8b PROFILE MTBR
-6
-3
0
3
6
100k
1M
10M
100M
1G
10V
12V
14V
20V
24V
FREQUENCY (Hz)
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
CL = 1pF
CL = 5pF
CL = 22pF
CL = 47pF
FREQUENCY (Hz)
-6
-3
0
3
6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Rb = 8.25Ω with RLOAD = 82.5Ω
Rb = 5.1Ω with RLOAD = 51Ω
51
Ω RLOAD
82.5
Ω RLOAD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
3.75M
4.15M
4.55M
4.95M
FREQUENCY (Hz)
PAR = 5.4
20.2dBm
Avg. US1 MTBR = -65dBc
5.35M


同様の部品番号 - ISL1591

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-EVALZ INTERSIL-ISL1591IRTZ-EVALZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-T13 INTERSIL-ISL1591IRTZ-T13 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

同様の説明 - ISL1591

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com