データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1536 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL1536
部品情報  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1536 データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL1536 Datasheet HTML 4Page - Intersil Corporation ISL1536 Datasheet HTML 5Page - Intersil Corporation ISL1536 Datasheet HTML 6Page - Intersil Corporation ISL1536 Datasheet HTML 7Page - Intersil Corporation ISL1536 Datasheet HTML 8Page - Intersil Corporation ISL1536 Datasheet HTML 9Page - Intersil Corporation ISL1536 Datasheet HTML 10Page - Intersil Corporation ISL1536 Datasheet HTML 11Page - Intersil Corporation ISL1536 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL1591
8
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C1 = 3.3V, C0 = 0V (50% power) unless otherwise noted.
FIGURE 16. SMALL SIGNAL FREQUENCY RESPONSE vs GAIN AT
THE LOAD
FIGURE 17. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 18. 1MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 19. 4MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 20. 8MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 21. HARMONIC DISTORTION vs FREQUENCY
6
9
12
15
18
21
24
27
30
FREQUENCY (Hz)
100k
1M
10M
100M
1G
Rb = 15Ω
Rb = 6.2Ω
Rb = 8.25Ω
12
15
18
21
24
27
100k
1M
10M
100M
1G
20VP-P
10VP-P
5VP-P
2VP-P
1VP-P
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
OUTPUT AMPLITUDE AT LOAD (VP-P(-d))
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
VOP-P(-d) AT THE LOAD
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
OUTPUT AMPLITUDE AT LOAD (VP-P(-d))
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
2M
4M
6M
8M 10M 12M 14M 16M 18M 20M
FREQUENCY (Hz)
THD dBc
3rd HD dBc
2nd HD dBc
5VO(P-P)


同様の部品番号 - ISL1536

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results

同様の説明 - ISL1536

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com