データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT257A データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT257A
部品情報  Quad 2-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT257A データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT257A Datasheet HTML 1Page - ON Semiconductor MC74VHCT257A Datasheet HTML 2Page - ON Semiconductor MC74VHCT257A Datasheet HTML 3Page - ON Semiconductor MC74VHCT257A Datasheet HTML 4Page - ON Semiconductor MC74VHCT257A Datasheet HTML 5Page - ON Semiconductor MC74VHCT257A Datasheet HTML 6Page - ON Semiconductor MC74VHCT257A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 7
1
Publication Order Number:
MC74VHCT257A/D
MC74VHCT257A
Quad 2-Channel Multiplexer
with 3-State Outputs
The MC74VHCT257A is an advanced high speed CMOS quad
2−channel multiplexer fabricated with silicon gate CMOS technology.
It achieves high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining CMOS low power dissipation.
It consists of four 2−input digital multiplexers with common
select (S) and enable (OE) inputs. When (OE) is held High, selection
of data is inhibited and all the outputs go Low.
The select decoding determines whether the A or B inputs get routed
to the corresponding Y outputs.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V because it
has full 5.0 V CMOS level output swings.
The VHCT257A input structures provide protection when voltages
between 0 V and 5.5 V are applied, regardless of the supply voltage.
The output structures also provide protection when VCC = 0 V. These
input and output structures help prevent device destruction caused by
supply voltage−input/output voltage mismatch, battery backup, hot
insertion, etc.
The internal circuit is composed of three stages, including a buffered
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 4.1 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4.0 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance:
Human Body Model > 2000 V;
Machine Model > 200 V
These Devices are Pb−Free and are RoHS Compliant
MARKING
DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
VHCT257AG
AWLYWW
VHCT
257A
ALYW
G
G
(Note: Microdot may be in either location)
1
1
16
1
1
16
FUNCTION TABLE
OE
S
Y0 − Y3
A0 − A3, B0 − B3 = the levels of
the respective Data−Word Inputs.
H
L
L
X
L
H
Z
A0 − A3
B0 − B3
Inputs
Outputs


同様の部品番号 - MC74VHCT257A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257AD ONSEMI-MC74VHCT257AD Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257AD ONSEMI-MC74VHCT257AD Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257ADG ONSEMI-MC74VHCT257ADG Datasheet
146Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
May, 2011 ??Rev. 6
More results

同様の説明 - MC74VHCT257A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com