データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14007UB データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14007UB
部品情報  Dual Complementary Pair Plus Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14007UB データシート(HTML) 4 Page - ON Semiconductor

  MC14007UB Datasheet HTML 1Page - ON Semiconductor MC14007UB Datasheet HTML 2Page - ON Semiconductor MC14007UB Datasheet HTML 3Page - ON Semiconductor MC14007UB Datasheet HTML 4Page - ON Semiconductor MC14007UB Datasheet HTML 5Page - ON Semiconductor MC14007UB Datasheet HTML 6Page - ON Semiconductor MC14007UB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14007UB
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25°C)
Symbol
Characteristic
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
tTLH
Output Rise Time
tTLH = (1.2 ns/pF) CL + 30 ns
tTLH = (0.5 ns/pF) CL + 20 ns
tTLH = (0.4 ns/pF) CL + 15 ns
5.0
10
15
90
45
35
180
90
70
ns
tTHL
Output Fall Time
tTHL = (1.2 ns/pF) CL + 15 ns
tTHL = (0.5 ns/pF) CL + 15 ns
tTHL = (0.4 ns/pF) CL + 10 ns
5.0
10
15
75
40
30
150
80
60
ns
tPLH
Turn−Off Delay Time
tPLH = (1.5 ns/pF) CL + 35 ns
tPLH = (0.2 ns/pF) CL + 20 ns
tPLH = (0.15 ns/pF) CL + 17.5 ns
5.0
10
15
60
30
25
125
75
55
ns
tPHL
Turn−On Delay Time
tPHL = (1.0 ns/pF) CL + 10 ns
tPHL = (0.3 ns/pF) CL + 15 ns
tPHL = (0.2 ns/pF) CL + 15 ns
5.0
10
15
60
30
25
125
75
55
ns
5. The formulas given are for the typical characteristics only. Switching specifications are for device connected as an inverter.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 3. Typical Output Source Characteristics
Figure 4. Typical Output Sink Characteristics
VDD = -VGS
VDD = VGS
14
14
VDS = VOH - VDD
VDS = VOL
VSS
VSS
7
7
IOH
IOL
0
-4.0
-8.0
-12
-16
-20
-8.0
-10
-6.0
-4.0
-2.0
-0
VDS, DRAIN VOLTAGE (Vdc)
20
16
12
8.0
4.0
0
0
2.0
4.0
6.0
8.0
10
VDS, DRAIN VOLTAGE (Vdc)
TA = -55°C
TA = +25°C
TA = +125°C
a
b
c
VGS = -5.0 Vdc
b
c
a
-10 Vdc
-15 Vdc
c
b
c
b
a
a
a
b
c
a
b
c
a
b
c
5.0 Vdc
TA = -55°C
TA = +25°C
TA = +125°C
a
b
c
VGS = 15 Vdc
10 Vdc
All unused inputs connected to ground.
All unused inputs connected to ground.
These typical curves are not guarantees, but are design aids.
Caution: The maximum current rating is 10 mA per pin.


同様の部品番号 - MC14007UB

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
MC14007UB ONSEMI-MC14007UB Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UBCP ONSEMI-MC14007UBCP Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
MC14007UBCP ONSEMI-MC14007UBCP Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UBCPG ONSEMI-MC14007UBCPG Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
More results

同様の説明 - MC14007UB

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com