データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CABT541BIPWRG4Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CABT541BIPWRG4Q1
部品情報  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CABT541BIPWRG4Q1 データシート(HTML) 3 Page - Texas Instruments

  CABT541BIPWRG4Q1 Datasheet HTML 1Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 2Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 3Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 4Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 5Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 6Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 7Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 8Page - Texas Instruments CABT541BIPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74ABT541B-Q1
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS762A − JUNE 2003 − REVISED JANUARY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
V
VOH
VCC = 4.5 V
IOH = −32 mA
2
2
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
μA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
μA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
μA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
10
μA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−10
−10
μA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
μA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
μA
IO‡
VCC = 5.5 V,
VO = 2.5 V
−50
−140
−180
−50
−180
mA
Outputs high
5
250
250
μA
ICC
VCC = 5.5 V, IO = 0, VI = VCC or GND
Outputs low
22
30
30
mA
ICC
VCC
5.5 V, IO
0, VI
VCC or GND
Outputs disabled
1
250
250
μA
V
55V O
i
t t34V
Outputs enabled
1.5
1.5
mA
ΔICC§
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
Outputs disabled
50
50
μA
ΔICC
Other inputs at VCC or GND
Control inputs
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
6
pF
All typical values are at VCC = 5 V.
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1
2
3.2
1
3.6
ns
tPHL
A
Y
1
2.6
3.5
1
3.9
ns
tPZH
OE
Y
2
3.5
4.5
2
4
ns
tPZL
OE
Y
1.9
4
5.1
1.9
5.9
ns
tPHZ
OE
Y
2.2
4.4
5.4
2.2
5.8
ns
tPLZ
OE
Y
1.5
3
4
1.5
4.4
ns
tsk(o)¶
0.5
0.5
ns
Skew between any two outputs of the same package switching in the same direction


同様の部品番号 - CABT541BIPWRG4Q1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CABT01 ETC2-CABT01 Datasheet
317Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight Jack to TS9(M) Straight Plug with 100mm RG-174 cable
logo
Texas Instruments
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16373AMDLREP TI1-CABT16373AMDLREP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

同様の説明 - CABT541BIPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com