データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14520BDWG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14520BDWG
部品情報  Dual Up Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14520BDWG データシート(HTML) 4 Page - ON Semiconductor

  MC14520BDWG Datasheet HTML 1Page - ON Semiconductor MC14520BDWG Datasheet HTML 2Page - ON Semiconductor MC14520BDWG Datasheet HTML 3Page - ON Semiconductor MC14520BDWG Datasheet HTML 4Page - ON Semiconductor MC14520BDWG Datasheet HTML 5Page - ON Semiconductor MC14520BDWG Datasheet HTML 6Page - ON Semiconductor MC14520BDWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14518B, MC14520B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 6) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
All Types
Unit
Min
Typ
(Note 7)
Max
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q/Enable to Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
Reset to Q
tPHL = (1.7 ns/pF) CL + 265 ns
tPHL = (0.66 ns/pF) CL + 117 ns
tPHL = (0.66 ns/pF) CL + 95 ns
tPLH,
tPHL
5.0
10
15
280
115
80
560
230
160
ns
tPHL
5.0
10
15
330
130
90
650
230
170
ns
Clock Pulse Width
tw(H)
tw(L)
5.0
10
15
200
100
70
100
50
35
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.5
6.0
8.0
1.5
3.0
4.0
MHz
Clock or Enable Rise and Fall Time
tTHL, tTLH
5.0
10
15
15
5
4
μs
Enable Pulse Width
tWH(E)
5.0
10
15
440
200
140
220
100
70
ns
Reset Pulse Width
tWH(R)
5.0
10
15
280
120
90
125
55
40
ns
Reset Removal Time
trem
5.0
10
15
– 5
15
20
– 45
– 15
– 5
ns
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
VARIABLE
WIDTH
CL
CL
CL
CL
VDD
VSS
VSS
500
μF
0.01
μF
CERAMIC
20 ns
50%
10%
90%
20 ns
ID
Q3
Q2
Q1
Q0
C
E
R


同様の部品番号 - MC14520BDWG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14520BDWG ONSEMI-MC14520BDWG Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
More results

同様の説明 - MC14520BDWG

メーカー部品番号データシート部品情報
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
   CMOS Dual Up Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com