データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14538BFG データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC14538BFG
部品情報  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BFG データシート(HTML) 6 Page - ON Semiconductor

Back Button MC14538BFG Datasheet HTML 2Page - ON Semiconductor MC14538BFG Datasheet HTML 3Page - ON Semiconductor MC14538BFG Datasheet HTML 4Page - ON Semiconductor MC14538BFG Datasheet HTML 5Page - ON Semiconductor MC14538BFG Datasheet HTML 6Page - ON Semiconductor MC14538BFG Datasheet HTML 7Page - ON Semiconductor MC14538BFG Datasheet HTML 8Page - ON Semiconductor MC14538BFG Datasheet HTML 9Page - ON Semiconductor MC14538BFG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MC14538B
http://onsemi.com
6
Figure 4. Switching Test Waveforms
RESET
A
B
tPLH
Q
Q
50%
tWH
90%
10%
tTLH
tTHL
tWL
tTHL
tPHL
tTHL
90%
10%
50%
T
50%
50%
50%
90%
10%
tPLH
tTHL
tTLH
tPHL
tWL
50%
90%
10%
tPHL
tPHL
tTLH
tTHL
tPLH
50%
50%
90%
10%
50%
50%
50%
trr
50%
VDD
VDD
VDD
tTLH
Figure 5. Typical Normalized Distribution
of Units for Output Pulse Width
Figure 6. Typical Pulse Width Variation as
a Function of Supply Voltage VDD
0
0.2
0.4
0.6
0.8
1.0
-4
-2
0
2
4
T, OUTPUT PULSE WIDTH (%)
2
1
0
1
2
15
14
13
12
11
10
9
8
7
6
5
VDD, SUPPLY VOLTAGE (VOLTS)
TA = 25°C
RX = 100 kW
CX = 0.1 mF
0% POINT PULSE WIDTH
VDD = 5.0 V, T = 9.8 ms
VDD = 10 V, T = 10 ms
VDD = 15 V, T = 10.2 ms
RX = 100 kW
CX = 0.1 mF
Figure 7. Typical Total Supply Current
versus Output Duty Cycle
1000
100
10
1.0
0.1
0.001
0.1
1.0
10
100
OUTPUT DUTY CYCLE (%)
RX = 100 kW, CL = 50 pF
ONE MONOSTABLE SWITCHING ONLY
VDD = 15 V
10 V
5.0 V
FUNCTION TABLE
Inputs
Outputs
Reset
A
B
Q
Q
H
H
H
L
H
L
Not Triggered
H
H
Not Triggered
H
L, H,
H
Not Triggered
H
L
L, H,
Not Triggered
L
X
X
L
H
X
X
Not Triggered


同様の部品番号 - MC14538BFG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14538BFG ONSEMI-MC14538BFG Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BFG ONSEMI-MC14538BFG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results

同様の説明 - MC14538BFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com