データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAW0L7PA データシート(PDF) 10 Page - Seoul Semiconductor

部品番号 SAW0L7PA
部品情報  Superior high Flux for High Current System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0L7PA データシート(HTML) 10 Page - Seoul Semiconductor

Back Button SAW0L7PA Datasheet HTML 6Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 7Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 8Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 9Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 10Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 11Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 12Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 13Page - Seoul Semiconductor SAW0L7PA Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev1.1, Dec 2, 2015
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
10
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
SAW0L7PA
– Acrich MJT 5050
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 4. Bin Code description, T
j=25℃, IF=60mA
Table 5. Luminous Flux rank distribution
Part Number
Luminous Flux (lm)
Color
Chromaticity
Coordinate
Forward Voltage (V
f)
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SAW0L7PA
W2
177
200
Refer to
page.11,12
A
20
21
X1
200
230
B
21
22
X2
230
260
C
22
23
CCT
CIE
Flux Rank
7000 ~ 6000K
A
W2
X1
X2
6000 ~ 5300K
B
W2
X1
X2
5300 ~ 4700K
C
W2
X1
X2
4700 ~ 4200K
D
W2
X1
X2
4200 ~ 3700K
E
W2
X1
X2
Available ranks
Not yet available ranks


同様の部品番号 - SAW0L7PA

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

同様の説明 - SAW0L7PA

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
SDW05F1C SEOUL-SDW05F1C Datasheet
516Kb / 20P
   Superior high Flux for High Current System
SZ5-M0 SEOUL-SZ5-M0 Datasheet
954Kb / 24P
   Superior high Flux for High Current System
SAW8LH0A SEOUL-SAW8LH0A Datasheet
890Kb / 23P
   Superior high Flux for High Current System
SDW02F1C SEOUL-SDW02F1C Datasheet
475Kb / 20P
   Superior high Flux for High Current System
SDW04F1C SEOUL-SDW04F1C Datasheet
506Kb / 20P
   Superior high Flux for High Current System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com