データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAW7C22B-IZ データシート(PDF) 7 Page - Seoul Semiconductor

部品番号 SAW7C22B-IZ
部品情報  Superior High Intensity for High Voltage System
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW7C22B-IZ データシート(HTML) 7 Page - Seoul Semiconductor

Back Button SAW7C22B-IZ Datasheet HTML 3Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 4Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 5Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 6Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 7Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 8Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 9Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 10Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW7C22B-IZ
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
7
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Nov 29, 2016
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 5. Forward Current vs. CIE X,Y Shift, T
j = 25ºC
(2600~4200K)
(4200~7000K)
0.346
0.348
0.350
0.352
0.354
0.356
0.358
0.360
0.346
0.348
0.350
0.352
0.354
0.356
0.358
0.360
0.362
0.364
0.366
0.368
0.370
0.372
0.374
0.376
250mA
200mA
180mA
CIE X
150mA
120mA
100mA
65mA
20mA
50mA
0.450 0.452 0.454 0.456 0.458 0.460 0.462 0.464 0.466 0.468 0.470
0.410
0.412
0.414
0.416
0.418
0.420
0.422
0.424
250mA
200mA
180mA
CIE X
150mA
120mA
100mA
65mA
20mA
50mA


同様の部品番号 - SAW7C22B-IZ

メーカー部品番号データシート部品情報
logo
Yuechung International ...
SAW YIC-SAW Datasheet
326Kb / 2P
   SAW Filter for wireless Remote Controller
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results

同様の説明 - SAW7C22B-IZ

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com