データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP11LTCPE12 データシート(PDF) 5 Page - C&K Components

部品番号 TP11LTCPE12
部品情報  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TP11LTCPE12 データシート(HTML) 5 Page - C&K Components

  TP11LTCPE12 Datasheet HTML 1Page - C&K Components TP11LTCPE12 Datasheet HTML 2Page - C&K Components TP11LTCPE12 Datasheet HTML 3Page - C&K Components TP11LTCPE12 Datasheet HTML 4Page - C&K Components TP11LTCPE12 Datasheet HTML 5Page - C&K Components TP11LTCPE12 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A-19
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
Third Angle
Projection
TP Series
Tiny Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
PC MOUNTING
TP11 Models:
omit terminal 2.
PC MOUNTING
TP11 Models:
omit hole 2.
E
EPOXY SEAL
V3
VERTICAL MOUNT, V-BRACKET
V3
VERTICAL MOUNT, V-BRACKET
TP12SH9V3BE
SPDT
TP21SH9V3BE
DPST
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with P, R, Q, B or G contact material are RoHS compliant.
All models
with all options when ordered with R, G, or Q contact material.
B contact material standard with A, AV, V3 & W terminations.
Q contact material standard with C & Z terminations
P, R contact materials not available with Z terminations.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
GOLD 1
SILVER 4,5
GOLD OVER SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 6
LOW LEVEL/DRY CIRCUIT
POWER
LOW LEVEL/DRY CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
1 AMP @ 120 V AC OR 28 V DC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
B
P
Q
G
R


同様の部品番号 - TP11LTCPE12

メーカー部品番号データシート部品情報
logo
C&K Components
TP11LTCP-E-1 CK-COMPONENTS-TP11LTCP-E-1 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11LTCP-E-1-2 CK-COMPONENTS-TP11LTCP-E-1-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11LTCP-E-2 CK-COMPONENTS-TP11LTCP-E-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11LTCP-E-2-2 CK-COMPONENTS-TP11LTCP-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
More results

同様の説明 - TP11LTCPE12

メーカー部品番号データシート部品情報
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
TP21SHZQE CK-COMPONENTS-TP21SHZQE Datasheet
518Kb / 6P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com