データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU21077MUV データシート(PDF) 4 Page - Rohm

部品番号 BU21077MUV
部品情報  Capacitive Switch Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU21077MUV データシート(HTML) 4 Page - Rohm

  BU21077MUV Datasheet HTML 1Page - Rohm BU21077MUV Datasheet HTML 2Page - Rohm BU21077MUV Datasheet HTML 3Page - Rohm BU21077MUV Datasheet HTML 4Page - Rohm BU21077MUV Datasheet HTML 5Page - Rohm BU21077MUV Datasheet HTML 6Page - Rohm BU21077MUV Datasheet HTML 7Page - Rohm BU21077MUV Datasheet HTML 8Page - Rohm BU21077MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/12
BU21077MUV
TSZ02201-0L5L0F300820-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
14.Jul.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VDD
-0.5 to +7.0
V
Input Voltage
VIN
-0.5 to VDD + 0.3
V
Operating Temperature Range
Topr
-20 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Power Dissipation
Pd
0.55
(Note 1)
W
Maximum Junction Temperature
Tjmax
125
°C
(Note 1) Derate by 5.5mW/°C when operating above Ta=25°C (mounted in 1-layer 74.2×74.2×1.6mm board with 10.22mm
2 surface capper area)
Pd of IC is 0.27W and derate by 2.7mW/°C when operating above Ta=25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Condition
(Ta = -20 to +85°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VDD
2.7 to 5.5
V
Electrical Characteristics
(Ta = 25°C, VDD = 3.3V, VSS = 0V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input High Voltage
VIH
VDD x 0.7
-
VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
-
VDD x 0.3
V
Output High Voltage
VOH
VDD - 0.5
-
VDD
V
IOH = -4mA
Output Low Voltage
VOL
VSS
-
VSS + 0.5
V
IOL = +4mA
OSC Frequency 1
fOSC1
45
50
55
MHz
OSC Frequency 2
fOSC2
51.2
64
76.8
kHz
DVDD Voltage
VDVDD
1.35
1.50
1.65
V
AVDD Voltage
VAVDD
2.40
2.50
2.60
V


同様の部品番号 - BU21077MUV

メーカー部品番号データシート部品情報
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
More results

同様の説明 - BU21077MUV

メーカー部品番号データシート部品情報
logo
Rohm
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com