データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU24036MWV データシート(PDF) 9 Page - Rohm

部品番号 BU24036MWV
部品情報  u--step System Lens Driver for Digital Still Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU24036MWV データシート(HTML) 9 Page - Rohm

Back Button BU24036MWV Datasheet HTML 5Page - Rohm BU24036MWV Datasheet HTML 6Page - Rohm BU24036MWV Datasheet HTML 7Page - Rohm BU24036MWV Datasheet HTML 8Page - Rohm BU24036MWV Datasheet HTML 9Page - Rohm BU24036MWV Datasheet HTML 10Page - Rohm BU24036MWV Datasheet HTML 11Page - Rohm BU24036MWV Datasheet HTML 12Page - Rohm BU24036MWV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/21
TSZ02201-0M3M0BC16070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
20.May.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BU24036MWV
Electrical Characteristics
(Unless otherwise specified, Ta
25C, DVDDIO=DVDD=3.0V, MVCC=5.0V, DVSS=MGND=0.0V)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
<Current Consumption>
Quiescence
(DVDDIO) ISSDO
-
0
10
μ
A
CMD_RS=0
(DVDD)
ISSD
-
50
95
μ
A
(MVCC)
ISSM
-
0
10
μ
A
Operation
(DVDDIO) IDDDO
-
0.1
1
mA CMD_RS=STB=CLK_EN=1
FCLK=24MHz
CLK_DIV setting : 0h
No load
(DVDD)
IDDD
-
6
10
mA
<Logic Block>
Low-level Input Voltage
VIL
DVSS
-
0.3DVDDIO
V
High-level Input Voltage
VIH
0.7DVDDIO
-
DVDDIO
V
Low-level Input Current
IIL
0
-
10
μ
A VIL=DVSS
High-level Input Current
IIH
0
-
10
μ
A VIH=DVDDIO
Low-level Output Voltage
VOL
DVSS
-
0.2DVDDIO
V
IOL=1.0mA
High-level Output Voltage
VOH
0.8DVDDIO
-
DVDDIO
V
IOH=1.0mA
<PI Driving Circuit>
Output Voltage
PIVO
-
0.15
0.5
V
IIH=30mA
<Waveforming Circuit>
Detective Voltage Error
Vth
1.4
1.5
1.6
V
Vth setting : 20h
<Voltage Driver Block 1ch-4ch>
ON-resistance
Ron
-
2.0
2.5
Ω
IO=±100mA (the sum of high
and low sides, 1ch, 2ch driver)
-
1.5
2.0
Ω
IO=±100mA (the sum of high
and low sides, 3ch, 4ch driver)
OFF-leak Current
IOZ
-10
0
+10
μ
A Output HiZ setting
Average Voltage Accuracy
between different Output Pins
Vdiff
-5
-
+5
%
Vdiff setting : 2Bh
<Voltage/Current Driver Block 5ch>
ON-resistance
Ron
-
1.0
1.5
Ω
IO=±100mA (the sum of high
and low sides)
OFF-leak Current
IOZ
-10
0
+10
μ
A Output HiZ setting
Output Current
IO
190
200
210
mA
At current driver mode
DAC setting : 80h
RRNF=1Ω
<Current Driver Block 6ch>
ON-resistance
Ron
-
1.0
1.5
Ω
IO=±100mA (the sum of high
and low sides)
OFF-leak Current
IOZ
-10
0
+10
μ
A Output HiZ setting
Output Current
IO
190
200
210
mA
DAC setting : 80h
RRNF=1Ω


同様の部品番号 - BU24036MWV

メーカー部品番号データシート部品情報
logo
Rohm
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24031GW-E2 ROHM-BU24031GW-E2 Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW-E2 ROHM-BU24032GW-E2 Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW Datasheet
159Kb / 4P
   Silicon monolithic integrated circuit
More results

同様の説明 - BU24036MWV

メーカー部品番号データシート部品情報
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com