データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2724DH データシート(PDF) 6 Page - Micro Linear Corporation

部品番号 ML2724DH
部品情報  2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-LINEAR [Micro Linear Corporation]
ホームページ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724DH データシート(HTML) 6 Page - Micro Linear Corporation

Back Button ML2724DH Datasheet HTML 2Page - Micro Linear Corporation ML2724DH Datasheet HTML 3Page - Micro Linear Corporation ML2724DH Datasheet HTML 4Page - Micro Linear Corporation ML2724DH Datasheet HTML 5Page - Micro Linear Corporation ML2724DH Datasheet HTML 6Page - Micro Linear Corporation ML2724DH Datasheet HTML 7Page - Micro Linear Corporation ML2724DH Datasheet HTML 8Page - Micro Linear Corporation ML2724DH Datasheet HTML 9Page - Micro Linear Corporation ML2724DH Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ML2724
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRSMN
RSSI minimum voltage
No signal into RXI
75
mV
VRSMXC
RSSI maximum voltage (clipped)
-10 dBm into RXI
1.6
1.95
V
TRANSMIT RF MIXER
POSE
Output power, single ended
TRXO or TRXOB, fC=2.445 GHz
-3
1
5
dBm
PODIF
Output power, differential
P(TRXO,TRXOB), fC=2.445 GHz
-1
3
6
dBm
ZOUT
Output impedance
TRXO or TRXOB, fC=2.445 GHz
12+j0
TRANSMIT MODULATION
fDEV
Modulation Deviation, @2.4GHz
200us of consecutive ‘1’s or ‘0’s
500
512
524
kHz
fOS
Modulation center frequency
offset
50us after RXON low
-50
+50
kHz
TRANSMIT DATA FILTER
BWTX
Transmit Data Filter Bandwidth
3dB Bandwidth
1.4
MHz
TX spurious
Image
-25
-20
dBc
dBc
INTERFACE LOGIC LEVELS
INPUTS (DIN, XCEN, RXON, DATA, CLK, EN)
VIH
Input high voltage
(never exceed VDD)
0.75*VDD
VDD
V
VIL
Input low voltage
0
0.25*VDD
V
IB
Input bias current
-5
0
5
µA
CIN
Input capacitance
(measured at 1MHz)
4
pF
OUTPUTS (DOUT, PAON)
VOH
DOUT high voltage
Io=0.1mA
VDD-0.4
V
VOL
DOUT low voltage
Io=-0.1mA
0.4
V
Io
DOUT sink/source current
0.1
mA
VOH
PAON output high voltage
Sourcing 0.5 mA
VDD-0.4
V
VOL
PAON output low voltage
Sinking 0.5 mA
0.4
V
Io
PAON source/sink current
0.5
mA
3 WIRE SERIAL BUS TIMING
tr
CLK input rise time
15
ns
tf
CLK input fall time
15
ns
tck
CLK period
50
ns
tew
CLK pulse width
100
ns
tl
Delay from last CLK falling edge
15
ns
tse
EN setup time to ignore next
rising CLK
15
ns
ts
DATA-to-CLK setup time
15
ns
th
DATA-to-CLK hold time
See Figure 4
15
ns
DS2724-F-01
FINAL DATASHEET
APRIL 2003
6


同様の部品番号 - ML2724DH

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724DH-T MICRO-LINEAR-ML2724DH-T Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
More results

同様の説明 - ML2724DH

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
SiGe Semiconductor, Inc...
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com