データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8V97053LNLGI8 データシート(PDF) 8 Page - Integrated Device Technology

部品番号 8V97053LNLGI8
部品情報  Low Power Wideband Fractional RF Synthesizer / PLL
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8V97053LNLGI8 データシート(HTML) 8 Page - Integrated Device Technology

Back Button 8V97053LNLGI8 Datasheet HTML 4Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 5Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 6Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 7Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 8Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 9Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 10Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 11Page - Integrated Device Technology 8V97053LNLGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
©2016 Integrated Device Technology, Inc.
August 18, 2016
8V97053L Datasheet
28
VDDD
Power
Digital Supply. VDDD must have the same value as VDDA.
29
REF_IN
LVCMOS Input
Analog
Reference Input. This CMOS input has a nominal threshold of VDDA/2 and a
DC equivalent input resistance of 100k
. This input can be driven from a TTL
or CMOS crystal oscillator, or it can be AC-coupled.
30
MUX_OUT
LVCMOS Output
Multiplexed Output and Serial Data Out. Refer to Table 4C, Page 18.
31
GND_SD
Ground
Digital Sigma Delta Modulator Power Supply Ground.
32
VDD_SD
Power
Digital Sigma Delta Modulator Supply. VDD_SD must have the same value as
VDDA.
EP
Exposed Pad
Ground
Must be connected to GND.
NOTE 1. Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 1. Pin Description1 (Continued)
Table 2. Pin Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Cin
Input Capacitance
4pF
ROUT
LVCMOS Output Impedance
MUX_OUT & LD
38
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
Table 3. Supply Pins and Associated Current Return Paths
Power Supply Pin Number
Power Supply Pin Name
Associated Ground Pin Number
Associated Ground Pin Name
10
VDDA
9GNDA
28
VDDD
27
GNDD
32
VDD_SD
31
GND_SD
16, 17
VVCO
11, 18, 21
GNDA_VCO
6V_CP
8
GND_CP


同様の部品番号 - 8V97053LNLGI8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
8V97053LNLGI8 IDT-8V97053LNLGI8 Datasheet
962Kb / 66P
   Low Power Wideband Fract ional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97053LNLGI8 RENESAS-8V97053LNLGI8 Datasheet
1Mb / 67P
   Low Power Wideband Fractional RF Synthesizer / PLL?
More results

同様の説明 - 8V97053LNLGI8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
   Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
   Low Power Wideband Fractional RF Synthesizer / PLL
logo
Integrated Device Techn...
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
   Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
   Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97053 RENESAS-8V97053 Datasheet
2Mb / 57P
   Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
   Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
   Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
   Low Power Wideband Fractional RF Synthesizer / PLL?
8V97051 RENESAS-8V97051 Datasheet
1Mb / 55P
   Low Power Wideband Fractional RF Synthesizer / PLL
February 3, 2023
logo
Integrated Device Techn...
8V97051 IDT-8V97051_18 Datasheet
845Kb / 55P
   Low Power Wideband Fract ional RF Synthesizer / PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com