データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K1050E70 データシート(PDF) 1 Page - Teccor Electronics

部品番号 K1050E70
部品情報  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECCOR [Teccor Electronics]
ホームページ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K1050E70 データシート(HTML) 1 Page - Teccor Electronics

  K1050E70 Datasheet HTML 1Page - Teccor Electronics K1050E70 Datasheet HTML 2Page - Teccor Electronics K1050E70 Datasheet HTML 3Page - Teccor Electronics K1050E70 Datasheet HTML 4Page - Teccor Electronics K1050E70 Datasheet HTML 5Page - Teccor Electronics K1050E70 Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TO-202AB
Type 1
TO-92
Type 70
DO-214AA
Surface Mount
DO-15X
Axial Lead
Do not use mounting tab
or center lead,
electrically connected
Teccor Electronics
9-1
SIDAC
(972) 580-7777
SIDAC
(95 - 330 Volts)
9
General Description
The Sidac is a silicon bilateral voltage triggered switch with
greater power-handling capabilities than standard diacs. Upon
application of a voltage exceeding the Sidac breakover voltage
point, the Sidac switches on through a negative resistance region
to a low on-state voltage. Conduction will continue until the cur-
rent is interrupted or drops below the minimum holding current of
the device.
Teccor offers the complete voltage range (95-330) over three dif-
ferent packages:
TO-92 (95-280 volts)
Axial lead DO-15X (95-280 volts)
Surface Mount DO-214AA (95-280 volts)
TO-202AB (190-330 volts)
Teccor’s Sidacs feature glass passivated junctions to ensure a
rugged and dependable device capable of withstanding harsh
environments.
Variations of devices covered in this data sheet are available for
custom design applications. Please consult the factory for more
information.
Applications
High voltage lamp ignitors
Natural gas ignitors
Gas oil ignitors
High voltage power supplies
Xenon ignitors
Over voltage protector
Pulse generators
Fluorescent lighting ignitors
HID lighting ignitors
Features
AC circuit oriented
Glass-passivated junctions
High surge current capability


同様の部品番号 - K1050E70

メーカー部品番号データシート部品情報
logo
Teccor Electronics
K1050E70 TECCOR-K1050E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1050E70 LITTELFUSE-K1050E70 Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K1050E70AP LITTELFUSE-K1050E70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1050E70RP LITTELFUSE-K1050E70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

同様の説明 - K1050E70

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com