データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC547A データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 BC547A
部品情報  NPN SILICON AMPLIFIER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC547A データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  BC547A Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
(IC = 2.0 mA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
(IC = 100 mA, VCE = 5.0 V)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
hFE
110
200
420
90
150
270
180
290
520
120
180
300
220
450
800
Collector–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VCE(sat)
---
0.3
V
Base–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
1.0
V
Base–Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
0.7
0.77
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Small–Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC546A/547A/548A
BC546B/547B/548B
BC546C/547C/548C
hfe
125
240
450
220
330
600
260
500
900
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW,
BC546
f = 1.0 kHz,
∆f = 200 Hz)
BC547
BC548
NF
2.0
2.0
2.0
10
10
10
dB
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC546
(IC = 1.0 mA, IB = 0)
BC547
BC548
V(BR)CEO
65
45
30
V
Collector–Base Breakdown Voltage
BC546
(IC = 100 µAdc)
BC547
BC548
V(BR)CBO
80
50
30
V
Emitter–Base Breakdown Voltage
BC546
(IE = 10 mA, IC = 0)
BC547
BC548
V(BR)EBO
6.0
6.0
6.0
V
2 of 4
www.sunmate.tw


同様の部品番号 - BC547A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC547A MOTOROLA-BC547A Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
BC547A MCC-BC547A Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC547A ONSEMI-BC547A Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Weitron Technology
BC547A WEITRON-BC547A Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
Siemens Semiconductor G...
BC547A SIEMENS-BC547A Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

同様の説明 - BC547A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
   AMPLIFIER TRANSISTOR (NPN SILICON)
logo
ON Semiconductor
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
   Amplifier Transistor(NPN Silicon)
1996
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
   AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
   Amplifier Transistor NPN Silicon
logo
ON Semiconductor
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com