データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDR1333C4G9 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 ADDR1333C4G9
部品情報  DDR3-1333(CL9) 240-Pin R-DIMM 4GB (512M x 72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ADDR1333C4G9 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ADDR1333C4G9 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR1333C4G9 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
 
 
 
10
ADDR1333C4G9
DDR3-1333(CL9) 240-Pin R-DIMM
4GB(512M x 72-bits)
 
Absolute Maximum Ratings:
Parameter
Symbol
Value
Unit
Voltage on VDD supply relative to Vss
VDD
-0.4 ~ 1.975
V
Voltage on VDDQ pin relative to Vss
VDDQ
-0.4 ~1.975
V
Voltage on any pin relative to Vss
VIN, Vout
-0.4 ~ 1.975
V
Storage temperature
TStg
-55 ~ +100
Note:
DDR3 SDRAM component specification.
Operation Temperature Condition
Parameter
Symbol
Value
Unit
Note
Normal Operating Temperature Range
TC
0~+85
1
Extended Temperature Range (Optional)
TC
+85~+95
1
Note:
(1) If the DRAM case temperature is above 85
℃, the Auto-Refresh command interval has to be reduced to tREFI=3.9us.
DC Operating Condition
Voltage referenced to Vss = 0V, VDD&VDDQ=1.5V±0.075V, Tc = 0 to 85
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD
1.283
1.45
V
1,2
VDDSPD
3
3.6
V
Supply Voltage for Output
VDDQ
1.283
1.45
V
1,2
I/O Reference Voltage(CMD/ADD)
VREFCA, (DC)
0.49 x VDDQ
0.51 x VDDQ
V
3,4
I/O Reference Voltage(DQ)
VREFDQ, (DC)
0.49 x VDDQ
0.51 x VDDQ
V
3,4
Termination Voltage
VTT
0.49 x VDDQ-20mV
0.51 x VDDQ+20mV
V
Note:
(1) Under all conditions VDDQ must be less than or equal to VDD.
(2) VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
(3) The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than ±1% VDD
(for reference: approx. ±15mV)
(4) For reference: approx. VDD/2 ±15mV


同様の部品番号 - ADDR1333C4G9

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ADDR13 ETC2-ADDR13 Datasheet
1Mb / 68P
   Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
More results

同様の説明 - ADDR1333C4G9

メーカー部品番号データシート部品情報
logo
A-Data Technology
R11-0834 A-DATA-R11-0834 Datasheet
783Kb / 16P
   AD3R1600C4G11 DDR3-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
logo
List of Unclassifed Man...
HX313C9FK2-8 ETC2-HX313C9FK2-8 Datasheet
429Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
HX313C9FBK2-8 ETC2-HX313C9FBK2-8 Datasheet
427Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
HX313C9FBK2-16 ETC2-HX313C9FBK2-16 Datasheet
390Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
HX313C9FK2-16 ETC2-HX313C9FK2-16 Datasheet
392Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
logo
A-Data Technology
R11-0833 A-DATA-R11-0833 Datasheet
783Kb / 16P
   ADDR1600C4G11 DDR3L-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
logo
List of Unclassifed Man...
HX313C9FWK2-16 ETC2-HX313C9FWK2-16 Datasheet
392Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
HX313C9FRK2-16 ETC2-HX313C9FRK2-16 Datasheet
392Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
HX313C9FWK2-8 ETC2-HX313C9FWK2-8 Datasheet
428Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
logo
A-Data Technology
R11-0868 A-DATA-R11-0868 Datasheet
561Kb / 16P
   ADDV1333W8G9 DDR3L-1333(CL9) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com