データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5-200mA データシート(PDF) 1 Page - Cooper Bussmann, Inc.

部品番号 SS-5-200mA
部品情報  250 V Subminiature, radial leaded, time-delay fuses
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SS-5-200mA データシート(HTML) 1 Page - Cooper Bussmann, Inc.

  SS-5-200mA Datasheet HTML 1Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 2Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 3Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 4Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 5Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 6Page - Cooper Bussmann, Inc. SS-5-200mA Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data 2621
Effective January 2016
Supersedes August 2013
Product description
Radial leaded, time delay with low breaking
capacity
Designed to IEC60127-3 Sheet 4
Plastic cap and base, flammability UL 94V0
Protects against harmful overcurrents in primary
and secondary applications
Small rectangular-leaded design utilizes less
board space
High frequency vibration: MIL-STD-202F,
Method 201A
Halogen free, lead free, RoHS compliant
Applications
Primary and secondary circuit protection:
Power supplies
Notebooks and laptops
Appliances and white goods
Lighting ballasts
Power adapters
Set top boxes
LED/LCD televisions and displays
Air conditioners
Battery chargers
Agency information
UL Recognition: File E19180, Guide JDYX2/
JDYX8
VDE: 40015513
CQC: 08012025533
PSE:
JET 1641-31007-1008 (1 A – 5 A)
JET 1641-31007-1009 (6.3 A)
KC:
SU05011-8001 (400 mA – 800 mA)
SU05011-8002 (1 A – 2.5 A)
SU05011-8003 (3.15 A – 6.3 A)
Semko:
1516697 (630 mA, 1 A – 4 A)
1124941 (500 mA, 800 mA, 5 A, 6.3 A)
Ordering
Use ordering number (see page 6 for details)
Packaging suffixes
-AP (1 000 parts Ammo pack, Pitch = 12.7)
-BK (200 parts in a polybag, Lead L = 4.3 ± 0.3)
-BK2 (200 parts in a polybag, Lead L = 21 ± 3.0)
SS-5
250 V Subminiature, radial leaded, time-delay fuses
Pb
HALOGEN
HF
FREE


同様の部品番号 - SS-5-200mA

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
SS-5-200mA EATON-SS-5-200mA Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SS-5-200mA-AP EATON-SS-5-200mA-AP Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SS-5-200mA-BK EATON-SS-5-200mA-BK Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SS-5-200mA-BK2 EATON-SS-5-200mA-BK2 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
More results

同様の説明 - SS-5-200mA

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
SS-5 EATON-SS-5 Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Cooper Bussmann, Inc.
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5-1A-AP COOPER-SR-5-1A-AP Datasheet
1Mb / 3P
   Subminiature Radial Leaded, Time-Delay Fuses
SR-5H-1A COOPER-SR-5H-1A Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SS-5H EATON-SS-5H Datasheet
495Kb / 5P
   300V Subminiature, radial leaded, time-delay fuses
logo
List of Unclassifed Man...
SR-5H ETC2-SR-5H Datasheet
851Kb / 3P
   300V Subminiature Radial Leaded, Time-Delay Fuses
SS-5H ETC2-SS-5H Datasheet
341Kb / 3P
   300V Subminiature, Radial Leaded, Time-Delay Fuses
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com