データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB-471M データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SMB-471M
部品情報  SURFACE MOUNT GLASS TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB-471M データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMB-471M Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB-471M Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT GLASS TUBE
SMB-141N-SMB-901M
Electrical Characteristics
Part Number
DC Spark-Over Voltage Vs(V)
Nominal value (min-max)
Insulation Resistance
Capacitance
of
electrostatic
Surge
current
capacity8/20us
Surge Life
Test
Test voltage IR (MΩ)
1KHz-6V(PF)
SMB-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
1000A
8/20us
1000A
10times
SMB-181N
180V
(126V-234V)
SMB-201M
200V
(160V-240V)
SMB-251M
250V
(200V-300V)
SMB-301M
300V
(240V-360V)
SMB-401M
400V
(320V-480V)
SMB-471M
470V
400V-560V)
SMB-501M
500V
(400V-600V)
DC250V
>1000MΩ
SMD-901M
900V
(720V-1080V)
SMB-901M
900V
(720V-1080V)
-40 C ~ + 125 C
Operating Temperature: -40 C ~ + 85 C
Small Size,No Polarity.No Dark effect
Ω
Features
!
!
!
Small Capacitance and excellent Insulation
Resistance(100M
min)
Low Electrode Capacitance (1pF Max).
! Quick Response For Electrostatic,Voltage and
low limiting vloltage
O
O
!
! Storage temperature:
O
O
! Stable for repeated discharge test conditions.
Toammeter,Water Meter Auto Admin system,etc
CATV,Video Transceiver.
pplication
A
For instantaneous over-volage protection to ADSL,ISDN,
!
!
!
!
For Instantaneous over-voltage protection to
RS485,RS232 Port,
MODEM,FAX,TEL,Power Supplies ,
Alarm systems
For Instantaneous Over-Voltage Protection
1 of 2
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


同様の部品番号 - SMB-471M

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
SMB-471M HUAXINAN-SMB-471M Datasheet
193Kb / 2P
   Surge Absorbers
More results

同様の説明 - SMB-471M

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
HGL341A LUGUANG-HGL341A Datasheet
612Kb / 2P
   SURFACE MOUNT GLASS
logo
NIC-Components Corp.
NGTM NIC-NGTM Datasheet
341Kb / 3P
   Surface Mount Gas Discharge Tube
NGTC NIC-NGTC Datasheet
303Kb / 3P
   Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
   SURFACE MOUNT GAS DISCHARGE TUBE
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTF NIC-NGTF Datasheet
322Kb / 3P
   Surface Mount Gas Discharge Tube
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
Leshan Radio Company
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
   Surface Mount Glass Passivated
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com