データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X-NUCLEO-IDS01A4 データシート(PDF) 3 Page - STMicroelectronics

部品番号 X-NUCLEO-IDS01A4
部品情報  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-NUCLEO-IDS01A4 データシート(HTML) 3 Page - STMicroelectronics

  X-NUCLEO-IDS01A4 Datasheet HTML 1Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 2Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 3Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 4Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 5Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 6Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 7Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 8Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID027622 Rev 2
3/21
UM1872
Description
21
1
Description
The X-NUCLEO-IDS01A4 and X-NUCLEO-IDS01A5 boards contain the module SPSGRF-
868 or SPSGRF-915 based on SPIRIT1 low data rate, low power sub-1 GHz transceiver.
The PCB layout is the same for both boards, with the only difference being the module used
with it.
Identification of the RF communication frequency can be easily performed using the
identification resistors (R14 or R15) mounted on the PCBs. Only 1 of the two resistors is
mounted on the board to ensure quick identification. This information is also available in the
PCB silk screen.
Note that R14 and R15 are for identification purposes only, and changing these resistors
does not change the RF frequency of the SPIRIT1 device.
For information common to both boards, the nomenclature “X-NUCLEO-IDS01Ax” is used
hereafter in this document.
1.1
Typical applications
The evaluation boards can be used for evaluation of the SPIRIT1 device in multiple
applications.
The following demo examples are available for testing with the evaluation boards
• wM-Bus: Wireless Metering Bus demo
• Point-to-point communication protocol demo
Please refer to the data brief for the firmware, available on www.st.com.
Users can develop other applications for evaluating the devices. Some of these applications
are:
• Automatic meter reading
• Home and building automation
• WSN (wireless sensor network)
Table 1. Expansion board details
Evaluation board
RF
communication
frequency
Identification
resistors
Module used
Description
X-NUCLEO-IDS01A4 868 MHz
R14 mounted
SPSGRF-868
868 MHz RF expansion
board based on ETSI
certified module
SPSGRF-868 for
STM32 Nucleo
X-NUCLEO-IDS01A5 915 MHz
R15 mounted
SPSGRF-915
915 MHz RF expansion
board based on FCC
and IC certified module
SPSGRF-915 for
STM32 Nucleo


同様の部品番号 - X-NUCLEO-IDS01A4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
   Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
   Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
   Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
X-NUCLEO-IDW01M1 STMICROELECTRONICS-X-NUCLEO-IDW01M1 Datasheet
848Kb / 8P
   Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
June 2016
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
   Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
May 2017
More results

同様の説明 - X-NUCLEO-IDS01A4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
   Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
November 2015 Rev 1
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
   Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
October 2015 Rev 1
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
   Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
June 2017 Rev 1
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
   Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
July 2016 Rev 1
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
   Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
   Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com