データシートサーチシステム |
|
5-1393766-5 データシート(PDF) 6 Page - TE Connectivity Ltd |
|
5-1393766-5 データシート(HTML) 6 Page - TE Connectivity Ltd |
6 / 6 page 08-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 6 Potter & Brumfield R10 Series Relay (Continued) Product Code Arrangement Material Contact Style/Rating Nom. Coil V Terminals & Mounting Part Number R10-E1P2-115V 2 form C, 2 CO Au overlay Ag Bif crossbar / dry circuit 115 VAC Solder/plug-in w/ #3-48 mounting stud 7-1393765-0 R10-E1P2-V700 24 VDC 6-1393765-9 R10-E1P4-115V 4 form C, 4 CO 115 VAC 7-1393765-6 R10-E1P4-V700 24 VDC 7-1393765-5 R10-E1W2-V185 2 form C, 2 CO AgCdO Single contact / 7.5A 12 VDC 8-1393765-9 R10-E1W2-V700 24 VDC 9-1393765-1 R10-E1W4-V185 4 form C, 4 CO 12 VDC 9-1393765-3 R10-E1W4-V700 24 VDC 9-1393765-5 R10-E1X2-24V 2 form C, 2 CO Single contact / 5A 24 VAC 1-1393766-1 R10-E1X2-115V 115 VAC 1-1393766-0 R10-E1X2-S800 12 VDC 1393766-3 R10-E1X2-V185 1393766-5 R10-E1X2-V700 24 VDC 1393766-9 R10-E1X4-115V 4 form C, 4 CO 115 VAC 1-1393766-8 R10-E1X4-V185 12 VDC 1-1393766-4 R10-E1X4-V700 24 VDC 1-1393766-7 R10-E1X4-V2.5K 48 VDC 1-1393766-5 R10-E1X6-115V 6 form C, 6 CO 115 VAC 2-1393766-5 R10-E1X6-V90 12 VDC 2-1393766-4 R10-E1X6-V430 24 VDC 2-1393766-2 R10-E1Y2-J1.0K 2 form C, 2 CO Ag Single contact / 2A typical Not applicable 3-1393766-3 R10-E1Y2-J2.5K 3-1393766-4 R10-E1Y2-V185 12 VDC 4-1393766-0 R10-E1Y2-V700 24 VDC 4-1393766-4 R10-E1Y2-V2.5K 48 VDC 4-1393766-1 R10-E1Y2-V15.0K 115 VDC 3-1393766-9 R10-E1Y4-J10.0K 4 form C, 4 CO Not applicable 4-1393766-9 R10-E1Y4-V52 6 VDC 5-1393766-6 R10-E1Y4-V2.5K 48 VDC 5-1393766-5 R10-E1Y4-V700 24 VDC 5-1393766-7 R10-E1Y6-V430 6 form C, 6 CO 6-1393766-1 R10-E1Y6-V1.5K 48 VDC 6-1393766-0 R10-E1Z2-V185 2 form C, 2 CO Bifurcated / 100mA typical 12 VDC 7-1393766-2 R10-E1Z2-V700 24 VDC 7-1393766-4 R10-E1Z4-V185 4 form C, 4 CO 12 VDC 7-1393766-9 R10-E1Z4-V700 24 VDC 8-1393766-1 R10-E1Z4-V2.5K 48 VDC 8-1393766-0 R10-E1Z6-V430 6 form C, 6 CO 24 VDC 8-1393766-6 R10-E1Z6-V1.5K 48 VDC 8-1393766-5 R10-T1P2-115V 2 form C, 2 CO Au overlay Ag Bif crossbar / dry circuit 115 VAC 2-1393769-8 R10S-E1Y1-J1.0K 1 form C, 1 CO Ag Single contact / 2A typical Not applicable 7-1393769-0 R10S-E1Y2-J5.0K 2 form C, 2 CO 7-1393769-5 R10-E2P4-V185 4 form C, 4 CO Au overlay Ag Bif crossbar / dry circuit 12 VDC PCB, .064" clearance, 1.25" seated ht. 1393767-3 R10-E2P4-V700 24 VDC 1393767-4 R10-E2W2-V185 2 form C, 2 CO AgCdO Single contact / 5A 12 VDC 1393767-7 R10-E2X2-V185 1-1393767-1 R10-E2X2-V700 24 VDC 1-1393767-5 R10-E2X4-V185 4 form C, 4 CO 12 VDC 1-1393767-7 R10-E2X4-V700 24 VDC 1-1393767-8 R10-E2Y2-V185 2 form C, 2 CO Ag Single contact / 2A typical 12 VDC 2-1393767-6 R10-E2Y2-V700 24 VDC 2-1393767-9 R10-E2Y4-V185 4 form C, 4 CO 12 VDC 3-1393767-5 R10-E2Y4-V700 24 VDC 3-1393767-6 R10S-E2Y1-J1.0K 1 form C, 1 CO Not applicable 8-1393769-1 Signal Signal Relays |
同様の部品番号 - 5-1393766-5 |
|
同様の説明 - 5-1393766-5 |