データシートサーチシステム |
|
3-1393818-1 データシート(PDF) 2 Page - TE Connectivity Ltd |
|
3-1393818-1 データシート(HTML) 2 Page - TE Connectivity Ltd |
2 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) Coil Data Magnetic system neutral Coil voltage range 1.1 to 125 VDC, typ. 800mW power consumption Max. coil temperature 100 °C Thermal resistance < 50K/W Coil versions, DC coil, monostable Coil Rated Operate/Limiting Coil Rated coil code voltage voltage1) resistance power VDC VDC Ω±15% mW 702 1.1 - 2 807 711 5 - 28 893 712 7 - 58 845 715 9 - 110 736 716 10 - 150 667 717 12 - 220 655 719 15 - 325 692 720 20 - 550 727 721 24 - 890 647 722 32 - 1700 602 726 48 - 3200 720 734 60 - 4700 766 704 72 - 7600 682 735 110 - 15000 807 703 125 - 20900 748 1) refer to ‘Part code table’. All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil versions, DC coil, monostable Coil Rated Operate/Limiting Coil Rated coil code voltage voltage1) resistance power VDC VDC Ω±15% mW 430 10 - 140 714 418 12 - 230 626 471 12 - 220 655 479 16 - 390 656 421 24 - 700 823 472 24 - 890 647 496 25 - 730 856 473 60 - 4700 766 404 72 - 5800 894 1) refer to ‘Part code table’. All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil data (continued) Insulation Data Product code, block 3 B1xx, B6xx, F1xx C1xx, C4xx Initial dielectric strength between coil / frame 500Vrms 500Vrms between contact / contact 500Vrms 1000Vrms between contact / frame 500Vrms 1000Vrms between contact / coil 1000Vrms 1500Vrms Initial insulation resistance, at 500VDC > 106Ω Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40 to +70°C Category of environmental protection IEC 61810 RT - I dust protected, RT V - hermetically sealed Degree of protection, IEC 60529 dust-protected IP 30, hermetically sealed IP 67 Terminal type PCB, plug-in, solder terminals Weight V23154-C0/-MO Size I approx. 20g V23154-D0/-NO Size II approx. 25g V23162-A0xxx Size I approx. 30g V23162-B0xxx Size II approx. 35g Washing not recommended Ultrasonic cleaning not recommended Packaging unit 5 pcs. Accessories For details see datasheet Cradle Relay, Accessories and Mounting Terminals: coil with 1 winding: start 4, end 1 coil with 2 windings (upon request): start 3, end 2 for winding I, start 4, end 1 for winding II The minimum voltage UI depends on the contact set and the ambient temperature, the maximum voltage UII only depends on the ambient temperature. Between minimum voltage UI tamb and operating voltage U a safety margin of approx. 20% is recommended. UI tamb (1.2) < UI ≤ UII tamb UI tamb UI · U20 °C · kI tamb UII tamb UIl 20 °C · kII tamb tamb Ambient temperature U Operating voltage UI tamb Minimum voltage at ambient temperature, tamb UII tamb Maximum voltage at ambient temperature, tamb kI and kII Factors |
同様の部品番号 - 3-1393818-1 |
|
同様の説明 - 3-1393818-1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |