データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC00 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC74AC00
部品情報  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00 データシート(HTML) 2 Page - ON Semiconductor

  MC74AC00_15 Datasheet HTML 1Page - ON Semiconductor MC74AC00_15 Datasheet HTML 2Page - ON Semiconductor MC74AC00_15 Datasheet HTML 3Page - ON Semiconductor MC74AC00_15 Datasheet HTML 4Page - ON Semiconductor MC74AC00_15 Datasheet HTML 5Page - ON Semiconductor MC74AC00_15 Datasheet HTML 6Page - ON Semiconductor MC74AC00_15 Datasheet HTML 7Page - ON Semiconductor MC74AC00_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74AC00, MC74ACT00
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
*0.5 v VI v VCC )0.5
V
VO
DC Output Voltage
(Note 1)
*0.5 v VO v VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$50
mA
IO
DC Output Sink/Source Current
$50
mA
ICC
DC Supply Current per Output Pin
$50
mA
IGND
DC Ground Current per Output Pin
$50
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction temperature under Bias
)150
°C
qJA
Thermal Resistance (Note 2)
SOIC
TSSOP
125
170
°C/W
PD
Power Dissipation in Still Air at 85
°C
SOIC
TSSOP
125
170
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
> 2000
> 200
> 1000
V
ILatch−Up
Latch−Up Performance
Above VCC and Below GND at 85°C (Note 6)
$100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD51−7.
3. Tested to EIA/JESD22−A114−A.
4. Tested to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
MC74AC00
MC74ACT00
2.0
4.5
5.0
5.0
6.0
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 7)
VCC @ 3.0 V
MC74AC00
VCC @ 4.5 V
VCC @ 5.5 V
150
40
25
ns/V
tr, tf
Input Rise and Fall Time (Note 8)
VCC @ 4.5 V
MC74ACT00
VCC @ 5.5 V
10
8.0
ns/V
TJ
Junction Temperature
150
°C
TA
Operating Ambient Temperature Range
−55
25
125
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
7. Vin from 30% to 70% VCC.
8. Vin from 0.8 V to 2.0 V.


同様の部品番号 - MC74AC00_15

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00D ONSEMI-MC74AC00D Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DR2 ONSEMI-MC74AC00DR2 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DR2G ONSEMI-MC74AC00DR2G Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
More results

同様の説明 - MC74AC00_15

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com