データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC86DR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74AC86DR2G
部品情報  Quad 2-Input Exclusive-OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC86DR2G データシート(HTML) 1 Page - ON Semiconductor

  MC74AC86DR2G Datasheet HTML 1Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 2Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC86DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2014 − Rev. 9
1
Publication Order Number:
MC74AC86/D
MC74AC86, MC74ACT86
Quad 2-Input Exclusive-OR
Gate
High−Performance Silicon−Gate CMOS
Features
Outputs Source/Sink 24 mA
These are Pb−Free Devices
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
13
14
12
11
10
9
8
2
1
3456
7
GND
VCC
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
86
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
xxx86G
AWLYWW
1
14
(Note: Microdot may be in either location)


同様の部品番号 - MC74AC86DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC86DR2G ONSEMI-MC74AC86DR2G Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
MC74AC86DR2G ONSEMI-MC74AC86DR2G Datasheet
148Kb / 9P
   Quad 2?묲nput Exclusive?뭀R Gate
October, 2006 ??Rev. 8
More results

同様の説明 - MC74AC86DR2G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com