データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT132DR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74ACT132DR2G
部品情報  Quad 2-Input NAND Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT132DR2G データシート(HTML) 1 Page - ON Semiconductor

  MC74ACT132DR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT132DR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT132DR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT132DR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT132DR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT132DR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MC74AC132/D
MC74AC132, MC74ACT132
Quad 2-Input NAND Schmitt
Trigger
High−Performance Silicon−Gate CMOS
The MC74AC/74ACT132 contains four 2−input NAND gates
which are capable of transforming slowly changing input signals into
sharply defined, jitter−free output signals. In addition, they have
greater noise margin than conventional NAND gates.
Each circuit contains a 2−input Schmitt trigger. The Schmitt trigger
uses positive feedback to effectively speed−up slow input transitions,
and provide different input threshold voltages for positive and
negative-going transitions. This hysteresis between the positive−going
and negative−going input threshold is determined by resistor ratios
and is essentially insensitive to temperature and supply voltage
variations.
Features
Schmitt Trigger Inputs
Outputs Source/Sink 24 mA
′ACT132 Has TTL Compatible Inputs
These are Pb−Free Devices
13
14
12
11
10
9
8
2
1
3456
7
GND
VCC
Figure 1. Pinout; 14−Lead Packages Conductors
(Top View)
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
xxx
= AC or ACT
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−14
D SUFFIX
CASE 751A
1
14
xxx132G
AWLYWW
1
14


同様の部品番号 - MC74ACT132DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74ACT132DR2G ONSEMI-MC74ACT132DR2G Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

同様の説明 - MC74ACT132DR2G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com