データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT14ADTR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT14ADTR2G
部品情報  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT14ADTR2G データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT14ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 7
1
Publication Order Number:
MC74VHCT14A/D
MC74VHCT14A
Hex Schmitt Inverter
The MC74VHCT14A is an advanced high speed CMOS Schmitt
inverter fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
Pin configuration and function are the same as the
MC74VHCT04A, but the inputs have hysteresis and, with its Schmitt
trigger function, the VHCT14A can be used as a line receiver which
will receive slow input signals.
The VHCT inputs are compatible with TTL levels. This device can
be used as a level converter for interfacing 3.3 V to 5.0 V, because it
has full 5.0 V CMOS level output swings.
The VHCT14A input structures provide protection when voltages
between 0 V and 5.5 V are applied, regardless of the supply voltage.
The output structures also provide protection when VCC = 0 V. These
input and output structures help prevent device destruction caused by
supply voltage − input/output voltage mismatch, battery backup, hot
insertion, etc.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 5.5 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 2.0 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: 60 FETs or 15 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
FUNCTION TABLE
Inputs
Outputs
A
H
L
Y
MARKING
DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
1
SOIC−14
D SUFFIX
CASE 751A
1
A
= Assembly Location
WL, L
= Wafer Lot
Y, YY
= Year
WW, W = Work Week
G or
G = Pb−Free Package
VHCT14AG
AWLYWW
1
14
VHCT
14A
ALYW
G
G
1
14
(Note: Microdot may be in either location)


同様の部品番号 - MC74VHCT14ADTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
104Kb / 6P
   Hex Schmitt Inverter
April, 2006 ??Rev. 4
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
93Kb / 6P
   Hex Schmitt Inverter
August, 2017 ??Rev. 8
More results

同様の説明 - MC74VHCT14ADTR2G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com