データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT14ADTR2G データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74VHCT14ADTR2G
部品情報  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT14ADTR2G データシート(HTML) 3 Page - ON Semiconductor

  MC74VHCT14ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHCT14ADTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT14A
www.onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VI
0
5.5
V
Output Voltage (Note 6)
VO
0
VCC
V
VCC = 0 V
VO
0
5.5
V
Operating Free−Air Temperature
TA
−55
+125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. IO absolute maximum rating must be observed.
DC ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
VCC
V
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Unit
Symbol
Min
Typ
Max
Min
Max
Min
Max
Positive Threshold Voltage
VT+
4.5
5.5
1.9
2.1
1.9
2.1
1.9
2.1
V
Negative Threshold Voltage
VT−
4.5
5.5
0.5
0.6
0.5
0.6
0.5
0.6
V
Hysteresis Voltage
VH
4.5
5.5
0.40
0.40
1.40
1.50
0.40
0.40
1.40
1.50
0.40
0.40
1.40
1.50
V
Minimum High−Level Output Voltage
IOH = −50 mA
VIN = VIH or VIL
IOH = −50 mA
VOH
4.5
4.4
4.5
4.4
4.4
V
IOH = −8.0 mA
5.5
3.94
3.80
3.66
Maximum Low−Level Output Voltage
VIN = VIH or VIL
IOL = 50 mA
VOL
4.5
0.0
0.1
0.1
0.1
V
IOL = 8.0 mA
5.5
0.36
0.44
0.52
Maximum Input Leakage Current
VIN = 5.5 V or GND
IIN
0 to 5.5
±0.1
±1.0
±1.0
mA
Maximum Quiescent Supply Current
VIN = VCC or GND
ICC
5.5
2.0
20
40
mA
Quiescent Supply Current
Input: VIN = 3.4 V
ICCT
5.5
1.35
1.50
1.65
mA
Output Leakage Current
VOUT = 5.5 V
IOFF
0.0
0.5
5.0
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Parameter
Test Conditions
Symbol
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
Maximum Propagation Delay, A to Y
VCC = 5.0 ± 0.5 V
CL = 15 pF
CL = 50 pF
tPLH,
tPHL
5.5
7.0
7.6
9.6
1.0
1.0
9.0
11.0
1.0
1.0
11.5
13.5
ns
Maximum Input Capacitance
CIN
2.0
10
10
10
pF
Power Dissipation Capacitance
(Note 7)
CPD
Typical @ 25
°C, VCC = 5.0 V
pF
11
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC / 6 (per buffer). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V)
Characteristic
Symbol
TA = 25°C
Unit
Typ
Max
Quiet Output Maximum Dynamic VOL
VOLP
0.8
1.0
V
Quiet Output Minimum Dynamic VOL
VOLV
−0.8
−1.0
V
Minimum High Level Dynamic Input Voltage
VIHD
2.0
V
Maximum Low Level Dynamic Input Voltage
VILD
0.8
V


同様の部品番号 - MC74VHCT14ADTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
104Kb / 6P
   Hex Schmitt Inverter
April, 2006 ??Rev. 4
MC74VHCT14ADTR2G ONSEMI-MC74VHCT14ADTR2G Datasheet
93Kb / 6P
   Hex Schmitt Inverter
August, 2017 ??Rev. 8
More results

同様の説明 - MC74VHCT14ADTR2G

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com